Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA032D02 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 5 Page - Texas Instruments

  TPA032D02 Datasheet HTML 1Page - Texas Instruments TPA032D02 Datasheet HTML 2Page - Texas Instruments TPA032D02 Datasheet HTML 3Page - Texas Instruments TPA032D02 Datasheet HTML 4Page - Texas Instruments TPA032D02 Datasheet HTML 5Page - Texas Instruments TPA032D02 Datasheet HTML 6Page - Texas Instruments TPA032D02 Datasheet HTML 7Page - Texas Instruments TPA032D02 Datasheet HTML 8Page - Texas Instruments TPA032D02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPA032D02
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS243A – DECEMBER 1999 – REVISED MARCH 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range, TC = 25°C (unless otherwise
noted)†
Supply voltage, (VDD, PVDD, LPVDD, RPVDD)
14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic supply voltage, (VCC)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (MUTE, MODE, SHUTDOWN)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO (FAULT0, FAULT1), open drain terminated
1 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply/load voltage, (FAULT0, FAULT1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charge pump voltage, VCP
PVDD + 20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous H-bridge output current (1 H-bridge conducting)
3.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed H-Bridge output current, each output, Imax (see Note 1)
7 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous VCCREG output current, IO (VCCREG)
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation, TC = 25°C
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 260°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Pulse duration = 10 ms, duty cycle
v 2%
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C‡
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DCA
5.6 W
44.8 mW/
°C
3.6 W
2.9 W
‡ Please see the Texas Instruments document, PowerPAD Thermally Enhanced Package Application
Report (literature number SLMA002), for more information on the PowerPAD package. The thermal data
was measured on a PCB layout based on the information in the section entitled
Texas Instruments
Recommended Board for PowerPAD on page 33 of the before mentioned document.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD, PVDD, LPVDD, RPVDD
8
14
V
Logic supply voltage, VCC
4.5
5.5
V
High-level input voltage, VIH (MUTE, SHUTDOWN)
2
VDD + 0.3 V
V
Low-level input voltage, VIL (MUTE, SHUTDOWN)
– 0.3
0.8
V
Audio inputs, LINN, LINP, RINN, RINP, differential input voltage
1
VRMS
PWM frequency
100
250
500
kHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com