Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA032D02 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPA032D02 Datasheet HTML 13Page - Texas Instruments TPA032D02 Datasheet HTML 14Page - Texas Instruments TPA032D02 Datasheet HTML 15Page - Texas Instruments TPA032D02 Datasheet HTML 16Page - Texas Instruments TPA032D02 Datasheet HTML 17Page - Texas Instruments TPA032D02 Datasheet HTML 18Page - Texas Instruments TPA032D02 Datasheet HTML 19Page - Texas Instruments TPA032D02 Datasheet HTML 20Page - Texas Instruments TPA032D02 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
TPA032D02
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS243A – DECEMBER 1999 – REVISED MARCH 2000
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
losses in a real-world class-D amplifier (continued)
Losses due to rise and fall times are called switching losses. A diagram of the output, showing switching losses,
is shown in Figure 9.
tSWon
+
tSWoff =
tSW
1
f
SW
Figure 9. Output Switching Losses
Rise and fall times are greater than zero for several reasons. One is that the output transistors cannot switch
instantaneously because (assuming a MOSFET) the channel from drain to source requires a specific period
of time to form. Another is that transistor gate-source capacitance and parasitic resistance in traces form RC
time constants that also increase rise and fall times.
Switching losses are constant at all output power levels, which means that switching losses can be ignored at
high power levels in most cases. At low power levels, however, switching losses must be taken into account
when calculating efficiency. Switching losses are dominated by conduction losses at the high output powers,
but should be considered at low powers. The switching losses are automatically taken into account if you
consider the quiescent current with the output filter and load.
class-D effect on power supply
Efficiency calculations are an important factor for proper power supply design in amplifier systems. Table 2
shows Class-D efficiency at a range of output power levels (per channel) with a 1-kHz sine wave input. The
maximum power supply draw from a stereo 10-W per channel audio system with 4-
Ω loads and a 12-V supply
is almost 26 W. A similar linear amplifier such as the TPA032D02 has a maximum draw of greater than 50 W
under the same circumstances.
Table 2. Efficiency vs Output Power in 12-V 4-
Ω H-Bridge Systems
Output Power (W)
Efficiency (%)
Peak Voltage (V)
Internal Dissipation (W)
0.5
41.7
2
0.7
2
66.7
4
1.0
5
75.1
6.32
1.66
8
78
8
2.26
10
77.9
8.94†
2.84
† High peak voltages cause the THD to increase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com