Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA032D02 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA032D02 Datasheet HTML 8Page - Texas Instruments TPA032D02 Datasheet HTML 9Page - Texas Instruments TPA032D02 Datasheet HTML 10Page - Texas Instruments TPA032D02 Datasheet HTML 11Page - Texas Instruments TPA032D02 Datasheet HTML 12Page - Texas Instruments TPA032D02 Datasheet HTML 13Page - Texas Instruments TPA032D02 Datasheet HTML 14Page - Texas Instruments TPA032D02 Datasheet HTML 15Page - Texas Instruments TPA032D02 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TPA032D02
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS243A – DECEMBER 1999 – REVISED MARCH 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
mute and shutdown modes
The TPA032D02 employs both a mute and a shutdown mode of operation designed to reduce supply current,
IDD, to the absolute minimum level during periods of non-use for battery-power conservation. The SHUTDOWN
input terminal should be held high during normal operation when the amplifier is in use. Pulling SHUTDOWN
low causes the outputs to mute and the amplifier to enter a low-current state, IDD = 20 µA. Mute mode alone
reduces IDD to 10 mA.
using low-ESR capacitors
Low-ESR capacitors are recommended throughout this applications section. A real (as opposed to ideal)
capacitor can be modeled simply as a resistor in series with an ideal capacitor. The voltage drop across this
resistor minimizes the beneficial effects of the capacitor in the circuit. The lower the equivalent value of this
resistance the more the real capacitor behaves like an ideal capacitor.
output filter components
The output inductors are key elements in the performance of the class-D audio amplifier system. It is important
that these inductors have a high enough current rating and a relatively constant inductance over frequency and
temperature. The current rating should be higher than the expected maximum current to avoid magnetically
saturating the inductor. When saturation occurs, the inductor loses its functionality and looks like a short circuit
to the PWM signal, which increases the harmonic distortion considerably.
A shielded inductor may be required if the class-D amplifier is placed in an EMI sensitive system; however, the
switching frequency is low for EMI considerations and should not be an issue in most systems. The dc series
resistance of the inductor should be low to minimize losses due to power dissipation in the inductor, which
reduces the efficiency of the circuit.
Capacitors are important in attenuating the switching frequency and high frequency noise, and in supplying
some of the current to the load. It is best to use capacitors with low equivalent-series-resistance (ESR). A low
ESR means that less power is dissipated in the capacitor as it shunts the high-frequency signals. Placing these
capacitors in parallel also parallels their ESR, effectively reducing the overall ESR value. The voltage rating is
also important, and, as a rule of thumb, should be 2 to 3 times the maximum rms voltage expected to allow for
high peak voltages and transient spikes. These output filter capacitors should be stable over temperature since
large currents flow through them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com