Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA032D02 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA032D02 Datasheet HTML 3Page - Texas Instruments TPA032D02 Datasheet HTML 4Page - Texas Instruments TPA032D02 Datasheet HTML 5Page - Texas Instruments TPA032D02 Datasheet HTML 6Page - Texas Instruments TPA032D02 Datasheet HTML 7Page - Texas Instruments TPA032D02 Datasheet HTML 8Page - Texas Instruments TPA032D02 Datasheet HTML 9Page - Texas Instruments TPA032D02 Datasheet HTML 10Page - Texas Instruments TPA032D02 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TPA032D02
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS243A – DECEMBER 1999 – REVISED MARCH 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, Class-D amplifier, VDD = PVDD = LPVDD = RPVDD = 12 V, RL = 8 Ω,
TA = 25°C, See Figure 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power,
THD = 0.5%, per channel,
Device soldered on PCB,
See Note 2
7.5
W
Efficiency
PO = 7.5 W,
f = 1 kHz
85%
AV
Gain
25
dB
Left/right channel gain matching
92%
95%
Noise floor
–60
dB
Dynamic range
80
dB
Crosstalk
f = 1 kHz
–50
dB
Frequency response bandwidth, post output filter, – 3 dB
20
20 000
Hz
BOM
Maximum output power bandwidth
20
kHz
ZI
Input impedance
10
k
Ω
NOTE 2: Output power is thermally limited, TA = 85°C
operating characteristics, VCC 5-V regulator, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
VDD = PVDD = LPVDD = RPVDD = 8 V to 14 V,
IO = 0 to 90 mA
4.5
5.5
V
IOS
Short-circuit output current
VDD = PVDD = LPVDD = RPVDD = 8 V to 14 V†
90
mA
† Pulse width must be limited to prevent exceeding the maximum operating virtual junction temperature of 150
°C.
thermal shutdown
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Thermal shutdown temperature
165
°C
Thermal shutdown hysteresis
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com