Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA032D02 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA032D02 Datasheet HTML 7Page - Texas Instruments TPA032D02 Datasheet HTML 8Page - Texas Instruments TPA032D02 Datasheet HTML 9Page - Texas Instruments TPA032D02 Datasheet HTML 10Page - Texas Instruments TPA032D02 Datasheet HTML 11Page - Texas Instruments TPA032D02 Datasheet HTML 12Page - Texas Instruments TPA032D02 Datasheet HTML 13Page - Texas Instruments TPA032D02 Datasheet HTML 14Page - Texas Instruments TPA032D02 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPA032D02
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS243A – DECEMBER 1999 – REVISED MARCH 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
input capacitor, CI
In the typical application an input capacitor, CI, is required to allow the amplifier to bias the input signal to the
proper dc level for optimum operation. In this case, CI and ZI, the TPA032D02’s input resistance forms a
high-pass filter with the corner frequency determined in equation 8.
(8)
f
c(highpass) +
1
2
pZ
I
C
I
–3 dB
fc
ZI is nominally 10 kΩ
The value of CI is important to consider as it directly affects the bass (low frequency) performance of the circuit.
Consider the example where the specification calls for a flat bass response down to 40 Hz. Equation 8 is
reconfigured as equation 9.
(9)
C
I +
1
2
pZ
I
fc
In this example, CI is 0.40 µF so one would likely choose a value in the range of 0.47 µF to 1 µF. A low-leakage
tantalum or ceramic capacitor is the best choice for the input capacitors. When polarized capacitors are used,
the positive side of the capacitor should face the amplifier input, as the dc level there is held at 1.5 V, which is
likely higher than the source dc level. Please note that it is important to confirm the capacitor polarity in the
application.
differential input
The TPA032D02 has differential inputs to minimize distortion at the input to the IC. Since these inputs nominally
sit at 1.5 V, dc-blocking capacitors are required on each of the four input terminals. If the signal source is
single-ended, optimal performance is achieved by treating the signal ground as a signal. In other words,
reference the signal ground at the signal source, and run a trace to the dc-blocking capacitor, which should be
located physically close to the TPA032D02. If this is not feasible, it is still necessary to locally ground the unused
input terminal through a dc-blocking capacitor.
power supply decoupling, CS
The TPA032D02 is a high-performance Class-D CMOS audio amplifier that requires adequate power supply
decoupling to ensure the output total harmonic distortion (THD) is as low as possible. Power supply decoupling
also prevents oscillations for long lead lengths between the amplifier and the speaker. The optimum decoupling
is achieved by using two capacitors of different types that target different types of noise on the power supply
leads. For higher frequency transients, spikes, or digital hash on the line, a good low equivalent-series-
resistance (ESR) ceramic capacitor, typically 0.1
µF placed as close as possible to the device’s various VDD
leads, works best. For filtering lower-frequency noise signals, a larger aluminum electrolytic capacitor of 10
µF
or greater placed near the audio power amplifier is recommended.
The TPA032D02 has several different power supply terminals. This was done to isolate the noise resulting from
high-current switching from the sensitive analog circuitry inside the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com