Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA032D02 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 1 Page - Texas Instruments

  TPA032D02 Datasheet HTML 1Page - Texas Instruments TPA032D02 Datasheet HTML 2Page - Texas Instruments TPA032D02 Datasheet HTML 3Page - Texas Instruments TPA032D02 Datasheet HTML 4Page - Texas Instruments TPA032D02 Datasheet HTML 5Page - Texas Instruments TPA032D02 Datasheet HTML 6Page - Texas Instruments TPA032D02 Datasheet HTML 7Page - Texas Instruments TPA032D02 Datasheet HTML 8Page - Texas Instruments TPA032D02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPA032D02
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS243A – DECEMBER 1999 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Extremely Efficient Class-D Stereo
Operation
D Drives L and R Channels
D 10-W BTL Output Into 4 Ω From 12 V
D 32-W Peak Music Power
D Fully Specified for 12-V Operation
D Low Shutdown Current
D Thermally-Enhanced PowerPAD™ Surface-
Mount Packaging
D Thermal and Under-Voltage Protection
description
The TPA032D02 is a monolithic power IC stereo
audio amplifier that operates in extremely efficient
Class-D operation, using the high switching speed
of power DMOS transistors to replicate the analog
input signal through high-frequency switching of
the output stage. This allows the TPA032D02 to
be configured as a bridge-tied load (BTL) amplifier
capable of delivering up to 10 W of continuous
average power into a 4-
Ω load at 0.5% THD+N
from a 12-V power supply in the high-fidelity audio
frequency range (20 Hz to 20 kHz). A BTL
configuration eliminates the need for external
coupling capacitors on the output. A chip-level
shutdown control is provided to limit total supply
current to 20
µA, making the device ideal for
battery-powered applications.
The output stage is compatible with a range of power supplies from 8 V to 14 V. Protection circuitry is included
to increase device reliability: thermal and under-voltage shutdown, with a status feedback terminal for use when
any error condition is encountered.
The high switching frequency of the TPA032D02 allows the output filter to consist of three small capacitors and
two small inductors per channel. The high switching frequency also allows for good THD+N performance.
The TPA032D02 is offered in the thermally enhanced 48-pin PowerPAD TSSOP surface-mount package
(designator DCA).
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments Incorporated.
SHUTDOWN
MUTE
AGND
LINN
LINP
LCOMP
AGND
VDD
LPVDD
LOUTP
LOUTP
PGND
PGND
LOUTN
LOUTN
LPVDD
VCCREG
NC
NC
AGND
PVDD
VCP
NC
CP1
COSC
AGND
AGND
RINN
RINP
RCOMP
FAULT0
FAULT1
RPVDD
ROUTP
ROUTP
PGND
PGND
ROUTN
ROUTN
RPVDD
VCC
NC
NC
V2P5
PVDD
PGND
NC
CP2
NC – No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
DCA PACKAGE
(TOP VIEW)


Similar Part No. - TPA032D02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
560Kb / 26P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02DCA TI-TPA032D02DCA Datasheet
560Kb / 26P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02DCAG4 TI-TPA032D02DCAG4 Datasheet
560Kb / 26P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02DCAR TI-TPA032D02DCAR Datasheet
560Kb / 26P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02DCARG4 TI-TPA032D02DCARG4 Datasheet
560Kb / 26P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA032D02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com