Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA032D02 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA032D02 Datasheet HTML 4Page - Texas Instruments TPA032D02 Datasheet HTML 5Page - Texas Instruments TPA032D02 Datasheet HTML 6Page - Texas Instruments TPA032D02 Datasheet HTML 7Page - Texas Instruments TPA032D02 Datasheet HTML 8Page - Texas Instruments TPA032D02 Datasheet HTML 9Page - Texas Instruments TPA032D02 Datasheet HTML 10Page - Texas Instruments TPA032D02 Datasheet HTML 11Page - Texas Instruments TPA032D02 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TPA032D02
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS243A – DECEMBER 1999 – REVISED MARCH 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LINP
LINN
LCOMP
VDD
COSC
RCOMP
RINP
RINN
RPVDD
AGND
LPVDD
PVDD
SHUTDOWN
VCCREG
V2P5
VCC
PGND
15
µH
15
µH
0.22
µF
0.22
µF
1
µF
4
Ω
12 V
1
µF
1
µF
Balanced
Differential
Input Signal
1000 pF
1000 pF
1000 pF
1
µF
1
µF
Balanced
Differential
Input Signal
12 V
CP1
CP2
VCP
FAULT0
FAULT1
MUTE
1
µF
LOUTP
LOUTN
15
µH
15
µH
0.22
µF
0.22
µF
1
µF
4
Ω
ROUTP
ROUTN
47 nF
0.1
µF
42
1
2
9,16
5
4
6
43
48
44
45
33,34
3, 7,20,46,47
12,13,27,36,37
21, 28
32
41
14,15
10,11
29
8
17
24
25
22
34,35
38,39
12 V
12 V
500 k
Ω
100 k
Ω
To VCCREG
To VCC
0.1
µF
VCCREG
VCCREG
Figure 1. 12-V, 4-
Ω Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com