Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA032D02 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPA032D02 Datasheet HTML 15Page - Texas Instruments TPA032D02 Datasheet HTML 16Page - Texas Instruments TPA032D02 Datasheet HTML 17Page - Texas Instruments TPA032D02 Datasheet HTML 18Page - Texas Instruments TPA032D02 Datasheet HTML 19Page - Texas Instruments TPA032D02 Datasheet HTML 20Page - Texas Instruments TPA032D02 Datasheet HTML 21Page - Texas Instruments TPA032D02 Datasheet HTML 22Page - Texas Instruments TPA032D02 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
TPA032D02
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS243A – DECEMBER 1999 – REVISED MARCH 2000
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
crest factor and thermal considerations (continued)
Table 3. TPA032D02 Power Rating, 12-V, 4-
Ω, Stereo
PEAK OUTPUT POWER
AVERAGE OUTPUT POWER
POWER DISSIPATION
MAXIMUM AMBIENT
(W)
AVERAGE OUTPUT POWER
(W/Channel)
TEMPERATURE
20
10 W (3 dB)
2.84
23
°C
20
5 W (6 dB)
1.66
75
°C
20
2.5 W (9 dB)
1.12
100
°C
20
1.25 W (12 dB)
0.87
111
°C
20
630 mW (15 dB)
0.7
118
°C
20
315 mW (18 dB)
0.6
123
°C
The maximum ambient temperature depends on the heatsinking ability of the PCB system. Using the 0 CFM
data from the dissipation rating table, the derating factor for the DCA package with 6.9 in2 of copper area on
a multilayer PCB is 44.8 mW/
°C. Converting this to ΘJA:
Θ
JA +
1
Derating
+
1
0.0448
+ 22.3°C W
(19)
To calculate maximum ambient temperatures, first consider that the numbers from the dissipation graphs are
per channel so the dissipated heat needs to be doubled for two channel operation. Given
ΘJA, the maximum
allowable junction temperature, and the total internal dissipation, the maximum ambient temperature can be
calculated with the following equation. The maximum recommended junction temperature for the TPA032D02
is 150
°C. The internal dissipation figures are taken from the Efficiency vs Output Power graphs.
T
A Max + TJ Max * ΘJA PD
+ 150 * 22.3(0.7
2)
+ 118°C (15 dB crest factor)
+ 150 * 22.3(2.84
2)
+ 23°C (3dB crest factor)
(20)
NOTE:
Internal dissipation of 1.4 W is estimated for a 10-W system with a 15 dB crest factor per channel.
The TPA032D02 is designed with thermal protection that turns the device off when the junction temperature
surpasses 150
°C to prevent damage to the IC. Table 3 was calculated for maximum listening volume without
distortion. When the output level is reduced the numbers in the table change significantly. Also, using 8-
Ω
speakers dramatically increases the thermal performance by increasing amplifier efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com