Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA032D02 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA032D02 Datasheet HTML 15Page - Texas Instruments TPA032D02 Datasheet HTML 16Page - Texas Instruments TPA032D02 Datasheet HTML 17Page - Texas Instruments TPA032D02 Datasheet HTML 18Page - Texas Instruments TPA032D02 Datasheet HTML 19Page - Texas Instruments TPA032D02 Datasheet HTML 20Page - Texas Instruments TPA032D02 Datasheet HTML 21Page - Texas Instruments TPA032D02 Datasheet HTML 22Page - Texas Instruments TPA032D02 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TPA032D02
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS243A – DECEMBER 1999 – REVISED MARCH 2000
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
crest factor and thermal considerations
A typical music CD requires 12 dB to 15 dB of dynamic headroom to pass the loudest portions without distortion
as compared with the average power output. From the TPA032D02 data sheet, one can see that when the
TPA032D02 is operating from a 12-V supply into a 4-
Ω speaker that 20-W peaks are available. Converting watts
to dB:
P
dB + 10 Log
P
W
P
ref
+ 10Log 20
1
+ 6dB
(17)
Subtracting the crest factor restriction to obtain the average listening level without distortion yields:
6.0 dB
* 15 dB +* 9dB (15 dB crest factor)
6.0 dB
* 12 dB +* 6dB (12 dB crest factor)
6.0 dB
* 9dB +* 3dB (9 dB crest factor)
6.0 dB
* 6dB +* 0dB (6 dB crest factor)
6.0 dB
* 3dB + 3dB (3 dB crest factor)
6.0 dB
* 18 dB +* 12 dB (15 dB crest factor)
Converting dB back into watts:
P
W + 10
PdB 10
P
ref
+ 630 mW (15 dB crest factor)
+ 1.25 W (12 dB crest factor)
+ 2.5 W (9 dB crest factor)
+ 5 W (6 dB crest factor)
+ 10 W (3 dB crest factor)
(18)
+ 315 mW (18 dB crest factor)
This is valuable information to consider when attempting to estimate the heat dissipation requirements for the
amplifier system. Comparing the absolute worst case, which is 10 W of continuous power output with a 3 dB
crest factor, against 12 dB and 15 dB applications drastically affects maximum ambient temperature ratings for
the system. Using the power dissipation curves for a 12-V, 4-
Ω system, the internal dissipation in the
TPA032D02 and maximum ambient temperatures are shown in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com