Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA032D02 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA032D02 Datasheet HTML 15Page - Texas Instruments TPA032D02 Datasheet HTML 16Page - Texas Instruments TPA032D02 Datasheet HTML 17Page - Texas Instruments TPA032D02 Datasheet HTML 18Page - Texas Instruments TPA032D02 Datasheet HTML 19Page - Texas Instruments TPA032D02 Datasheet HTML 20Page - Texas Instruments TPA032D02 Datasheet HTML 21Page - Texas Instruments TPA032D02 Datasheet HTML 22Page - Texas Instruments TPA032D02 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TPA032D02
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS243A – DECEMBER 1999 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THERMAL INFORMATION
The thermally enhanced DCA package is based on the 56-pin TSSOP, but includes a thermal pad (see Figure 11)
to provide an effective thermal contact between the IC and the PWB.
Traditionally, surface-mount and power have been mutually exclusive terms. A variety of scaled-down TO-220-type
packages have leads formed as gull wings to make them applicable for surface-mount applications. These packages,
however, have only two shortcomings: they do not address the very low profile requirements (< 2 mm) of many of
today’s advanced systems, and they do not offer a terminal-count high enough to accommodate increasing
integration. On the other hand, traditional low-power surface-mount packages require power-dissipation derating that
severely limits the usable range of many high-performance analog circuits.
The PowerPAD package (thermally enhanced TSSOP) combines fine-pitch surface-mount technology with thermal
performance comparable to much larger power packages.
The PowerPAD package is designed to optimize the heat transfer to the PWB. Because of the very small size and
limited mass of a TSSOP package, thermal enhancement is achieved by improving the thermal conduction paths that
remove heat from the component. The thermal pad is formed using a patented lead-frame design and manufacturing
technique to provide a direct connection to the heat-generating IC. When this pad is soldered or otherwise thermally
coupled to an external heat dissipator, high power dissipation in the ultra-thin, fine-pitch, surface-mount package can
be reliably achieved.
DIE
Side View (a)
End View (b)
Bottom View (c)
DIE
Thermal
Pad
Figure 11. Views of Thermally Enhanced DCA Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com