Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA032D02 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPA032D02 Datasheet HTML 12Page - Texas Instruments TPA032D02 Datasheet HTML 13Page - Texas Instruments TPA032D02 Datasheet HTML 14Page - Texas Instruments TPA032D02 Datasheet HTML 15Page - Texas Instruments TPA032D02 Datasheet HTML 16Page - Texas Instruments TPA032D02 Datasheet HTML 17Page - Texas Instruments TPA032D02 Datasheet HTML 18Page - Texas Instruments TPA032D02 Datasheet HTML 19Page - Texas Instruments TPA032D02 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TPA032D02
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS243A – DECEMBER 1999 – REVISED MARCH 2000
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
losses in a real-world class-D amplifier
Losses make class-D amplifiers nonideal, and reduce the efficiency below 100%. These losses are due to the
output transistors having a nonzero rDS(on), and rise and fall times that are greater than zero.
The loss due to a nonzero rDS(on) is called conduction loss, and is the power lost in the output transistors at
nonswitching times, when the transistor is on (saturated). Any rDS(on) above 0 Ω causes conduction loss.
Figure 8 shows an H-bridge output circuit simplified for conduction loss analysis and can be used to determine
new efficiencies with conduction losses included.
VDD = 12 V
RL
4
Ω
0.36
Ω
0.36
Ω
rDS(on)
rDS(off)
rDS(off)
rDS(on)
5 M
Ω
5 M
Ω
Figure 8. Output Transistor Simplification for Conduction Loss Calculation
The power supplied, PSUP, is determined to be the power output to the load plus the power lost in the transistors,
assuming that there are always two transistors on.
Efficiency
+ h +
I2R
L
I2 2r
DS(on) )
I2R
L
Efficiency
+ h +
P
L
P
SUP
Efficiency
+ h +
R
L
2r
DS(on) )
R
L
Efficiency
+ h + 95% at all output levels r
DS(on) +
0.1
Ω,R
L +
4
Ω
Efficiency
+ h + 85% at all output levels r
DS(on) +
0.36
Ω,R
L +
4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com