Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA032D02 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPA032D02 Datasheet HTML 11Page - Texas Instruments TPA032D02 Datasheet HTML 12Page - Texas Instruments TPA032D02 Datasheet HTML 13Page - Texas Instruments TPA032D02 Datasheet HTML 14Page - Texas Instruments TPA032D02 Datasheet HTML 15Page - Texas Instruments TPA032D02 Datasheet HTML 16Page - Texas Instruments TPA032D02 Datasheet HTML 17Page - Texas Instruments TPA032D02 Datasheet HTML 18Page - Texas Instruments TPA032D02 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
TPA032D02
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS243A – DECEMBER 1999 – REVISED MARCH 2000
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
the ideal class-D amplifier (continued)
Given these plots, the efficiency of the class-D device can be calculated and compared to an ideal linear
amplifier device. In the derivation below, a sine wave of peak voltage (VP) is the output from an ideal class-D
and linear amplifier and the efficiency is calculated.
V
L(rms) +
V
P
2
CLASS-D
LINEAR
V
L(rms) +
V
P
2
P
L + VL
I
L
Average I
DD +
I
L(rms)
V
L(rms)
V
DD
P
L +
V
L(rms)
2
R
L
+
V
P
2
2R
L
Average I
DD +
2
p
V
P
R
L
P
SUP +
V
DD
Average I
DD
P
SUP +
V
DD
Average I
DD +
V
DD VP
R
L
2
p
P
SUP +
V
DD
I
L(rms)
V
L(rms)
V
DD
Efficiency
+ h +
P
L
P
SUP
Efficiency
+ h +
P
L
P
SUP
Efficiency
+ h + V
DD
V
P
2
2R
L
2
p
V
P
R
L
Efficiency
+ h + 1
Efficiency
+ h + p
4
V
P
V
DD
In the ideal efficiency equations, assume that VP = VDD, which is the maximum sine wave magnitude without
clipping. Then, the highest efficiency that a linear amplifier can have without clipping is 78.5%. A class-D
amplifier, however, can ideally have an efficiency of 100% at all power levels.
The derivation above applies to an H-bridge as well as a half-bridge. An H-bridge requires approximately twice
the supply current but only requires half the supply voltage to achieve the same output power—factors that
cancel in the efficiency calculation. The H-bridge circuit is shown in Figure 7.
VDD
VOUT
L
CL
RL
IL
IOUT
+
–
VA
M2
M1
VDD
L
CL
M4
M3
Figure 7. H-Bridge Class-D Output Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com