Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP8860ACPZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP8860ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
ADP8860
Rev. 0 | Page 28 of 52
Manufacturer and Device ID (MFDVID)—Register 0x00
This is a read-only register.
Table 9. MFDVID Manufacturer and Device ID Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Manufacture ID
Device ID
0
0
0
0
0
1
1
1
Mode Control Register (MDCR)—Register 0x01
Table 10. MDCR Mode Control Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
INT_CFG
nSTBY
DIM_EN
Reserved
SIS_EN
CMP_AUTOEN
BL_EN
Table 11. Bit Descriptions for the MDCR Register
Bit Name
Bit No.
Description
N/A
7
Reserved.
INT_CFG
6
Interrupt configuration.
1 = processor interrupt deasserts for 50 μs and reasserts with pending events.
0 = processor interrupt remains asserted if the host tries to clear the interrupt while there is a pending event.
nSTBY
5
1 = device is in active mode.
0 = device is in standby mode, only the I2C interface is enabled.
DIM_EN
4
DIM_EN is set by the hardware after a DIM timeout. The user may also force the backlight into DIM mode by
asserting this bit. DIM mode can only be entered if BL_EN is also enabled.
1 = backlight is operating at the DIM current level (BL_EN must also be asserted).
0 = backlight is not in DIM mode.
N/A
3
Reserved.
SIS_EN
2
Synchronous independent sinks enable.
1 = enables all LED current sinks designated as independent sinks. All of the ISC enable bits must be cleared; if
any of the SC_EN bits in Register 0x10 are set, this bit has no effect.
0 = disables all sinks designated as independent sinks. All of the ISC enable bits must be cleared; if any of the
SC_EN bits are set in Register 0x10, this bit has no effect.
CMP_AUTOEN
1
1 = backlight automatically responds to the comparator outputs (L2_OUT and L3_OUT). L2_EN and/or L3_EN
must be set for this to function. BLV values in Register 0x04 are overridden.
0 = backlight does not autorespond to comparator level changes. The user can manually select backlight
operating levels using Bit BLV in Register 0x04.
BL_EN
0
1 = backlight is enabled (nSTBY must also be asserted).
0 = backlight is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com