Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP8860ACPZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP8860ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
ADP8860
Rev. 0 | Page 13 of 52
POWER STAGE
Because typical white LEDs require up to 4 V to drive them,
some form of boosting is required over the typical variation in
battery voltage. The ADP8860 accomplishes this with a high
efficiency charge pump capable of producing a maximum IOUT
of 240 mA over the entire input voltage range (2.5 V to 5.5 V).
Charge pumps use the basic principle that a capacitor stores
charge based on the voltage applied to it, as shown in the
following equation:
Q = C × V
(1)
By charging the capacitors in different configurations, the
charge, and therefore the gain, can be optimized to deliver
the voltage required to power the LEDs. Because a fixed
charging and discharging combination must be used, only
certain multiples of gain are available. The ADP8860 is capable
of automatically optimizing the gain (G) from 1×, 1.5×, and 2×.
These gains are accomplished with two capacitors (labeled C1
and C2 in Figure 26) and an internal switching network.
In G = 1× mode, the switches are configured to pass VIN
directly to VOUT. In this mode, several switches are connected
in parallel to minimize the resistive drop from input to output.
In G = 1.5× and 2× modes, the switches alternatively charge
from the battery and discharge into the output. For G = 1.5×,
the capacitors are charged from VIN in series and are discharged
to VOUT in parallel. For G = 2×, the capacitors are charged
from VIN in parallel and are discharged to VOUT in parallel. In
certain fault modes, the switches are opened and the output is
physically isolated from the input.
Automatic Gain Selection
Each LED that is driven requires a current source. The voltage
on this current source must be greater than a minimum head-
room voltage (200 mV typical) to maintain accurate current
regulation. The gain is automatically selected based on the
minimum voltage (VDx) at all of the current sources. At startup,
the device is placed into G = 1× mode and the output charges
to VIN. If any VDx level is less than the required headroom
(200 mV), the gain is increased to the next step (G = 1.5×).
A 100 μs delay is allowed for the output to stabilize prior to
the next gain switching decision. If there remains insufficient
current sink headroom, then the gain is increased again to 2×.
Conversely, to optimize efficiency, it is not desirable for the
output voltage to be too high. Therefore, the gain reduces when
the headroom voltage is great enough. This point (labeled
VDMAX in Figure 27) is internally calculated to ensure that the
lower gain still results in ample headroom for all the current
sinks. The entire cycle is illustrated in Figure 27.
Note that the gain selection criteria apply only to active current
sources. If current sources have been deactivated through an
I2C command (for example, only five LEDs are used), then the
voltages on the deactivated current sources are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com