Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP8860ACPZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP8860ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
ADP8860
Rev. 0 | Page 7 of 52
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
D3
2
D2
3
D1
4
SCL
5
nRST
13 VOUT
14 VIN
15 GND1
12 C2+
11 C1+
TOP VIEW
(Not to Scale)
ADP8860
NOTES
1. CONNECT THE EXPOSED PADDLE
TO GND1 AND/OR GND2.
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
ADP8860
1
A
B
C
D
23
4
Figure 3. LFCSP Pin Configuration
C1+
C1–
C2+
GND2
nRST
VIN
D7
CMP_IN
D1
D2
GND1
VOUT
D5
D6/
CMP_IN2
SDA
C2–
nINT
D4
D3
SCL
E
Figure 4. WLCSP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
LFCSP
WLCSP
14
A3
VIN
Input Voltage 2.5 V to 5.5 V.
3
D3
D1
LED Sink 1.
2
E3
D2
LED Sink 2.
1
E4
D3
LED Sink 3.
20
D4
D4
LED Sink 4.
19
C4
D5
LED Sink 5.
17
B4
D6/CMP_IN2
LED Sink 6/Comparator Input for Second Phototransistor. When using this pin as a second
phototransistor input, a capacitor (0.1 μF recommended) must be connected from this pin to ground.
16
B3
D7
LED Sink 7.
18
C3
CMP_IN
Comparator Input for Phototransistor. When using this function, a capacitor (0.1 μF recommended) must
be connected from this pin to ground.
13
A2
VOUT
Charge Pump Output.
11
A1
C1+
Charge Pump C1+.
9
C1
C1−
Charge Pump C1−.
12
B1
C2+
Charge Pump C2+.
10
B2
C2−
Charge Pump C2−.
15
A4
GND1
Ground. Connect the exposed pad to GND1 and/or GND2.
8
D1
GND2
Ground. Connect the exposed pad to GND1 and/or GND2.
6
D2
nINT
Processor Interrupt (Active Low). Requires an external pull-up resistor. If this pin is not used, it can be left
floating.
5
E1
nRST
Hardware Reset (Active Low). This bit resets the device to the default conditions. If not used, this pin
must be tied above VIH(MIN).
7
C2
SDA
I2C Serial Data. Requires an external pull-up resistor.
4
E2
SCL
I2C Clock. Requires an external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com