Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP8860ACPZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP8860ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
ADP8860
Rev. 0 | Page 25 of 52
The ADP8860 has an integrated noise filter on the nRST
pin. Under normal conditions, it is not necessary to filter
the reset line. However, if exposed to an unusually noisy
signal, then it is beneficial to add a small RC filter or
bypass capacitor on this pin. If the nRST pin is not used, it must
be pulled well above the VIH(MIN) level (see Table 1). Do not allow
the nRST pin to float.
EXAMPLE CIRCUITS
V
D3
D1
E3
D2
E4
D3
D4
D4
C4
D5
B4
D6
B3
D7
C3
CMP_IN
VOUT
OPTIONAL
PHOTOSENSOR
PHOTOSENSOR
ALS
0.1µF
0.1µF
E1
VDDIO
nRST
C2
VDDIO
SDA
E2
VDDIO
SCL
D2
VDDIO
nINT
A3
VIN
1µF
A4
GND1
D1
GND2
B1
C2+
B2
C2–
C2
1µF
A1
C1+
C1
C1–
C1
1µF
VOUT
1µF
A2
ADP8860
Figure 44. Generic Application Schematic
KEYPAD LIGHT
UP TO 10 LEDs (6mA EACH)
60mA MAX TOTAL CURRENT
ACCESSORY
LIGHTS OR
SUB-DISPLAY BL
PH1
MAIN
PHOTOSENSOR
PH2
OPTIONAL
PHOTOSENSOR
D3
D1
DL1
E3
D2
DL2
E4
D3
DL3
D4
D4
DL4
C4
D5
DL5
B4
D6/
CMP_IN2
DL6
B3
D7
C3
CMP_IN
E1
R1
R2
R3
R4
VDDIO
C2 SDA
E2 SCL
D2
B1
C2+
B2
C2–
A1
C1+
VOUT
GND2
C1
C1–
ADP8860
VIN
GND1
A3
A4
VIN
A2
D1
DISPLAY BACKLIGHT
DL7
R5
DL8
R6
DL17
R15
2.8V
nRST
nINT
nRST
nINT
0.1µF
0.1µF
C2
1µF
C1
1µF
1µF
1µF
I2C
CONTROL
SIGNALS
Figure 45. Application Schematic with Keypad Light Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com