Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP8860ACPZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP8860ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
ADP8860
Rev. 0 | Page 27 of 52
Address
Register Name
Description
0x20
L3_HYS
L3 hysteresis
0x21
PH1LEVL
First phototransistor ambient light level—low byte register
0x22
PH1LEVH
First phototransistor ambient light level—high byte register
0x23
PH2LEVL
Second phototransistor ambient light level—low byte register
0x24
PH2LEVH
Second phototransistor ambient light level—high byte register
Table 8. Register Map
Addr
Reg. Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
MFDVID
Manufacture ID
Device ID
0x01
MDCR
Reserved
INT_CFG
NSTBY
DIM_EN
Reserved
SIS_EN
CMP_AUTOEN
BLEN
0x02
MDCR2
Reserved
SHORT_INT
TSD_INT
OVP_INT
CMP2_INT
CMP_INT
0x03
INTR_EN
Reserved
SHORT_IEN
TSD_IEN
OVP_IEN
CMP2_IEN
CMP_IEN
0x04
CFGR
Reserved
SEL_AB
CMP2_SEL
BLV
Law
FOVR
0x05
BLSEN
Reserved
D7EN
D6EN
D5EN
D4EN
D3EN
D2EN
D1EN
0x06
BLOFF
Reserved
OFFT
0x07
BLDIM
Reserved
DIMT
0x08
BLFR
BL_FO
BL_FI
0x09
BLMX1
Reserved
BL1_MC
0x0A
BLDM1
Reserved
BL1_DC
0x0B
BLMX2
Reserved
BL2_MC
0x0C
BLDM2
Reserved
BL2_DC
0x0D
BLMX3
Reserved
BL3_MC
0x0E
BLDM3
Reserved
BL3_DC
0x0F
ISCFR
Reserved
SC_LAW
0x10
ISCC
Reserved
SC7_EN
SC6_EN
SC5_EN
SC4_EN
SC3_EN
SC2_EN
SC1_EN
0x11
ISCT1
SCON
SC7OFF
SC6OFF
SC5OFF
0x12
ISCT2
SC4OFF
SC3OFF
SC2OFF
SC1OFF
0x13
ISCF
SCFO
SCFI
0x14
ISC7
SCR
SCD7
0x15
ISC6
Reserved
SCD6
0x16
ISC5
Reserved
SCD5
0x17
ISC4
Reserved
SCD4
0x18
ISC3
Reserved
SCD3
0x19
ISC2
Reserved
SCD2
0x1A
ISC1
Reserved
SCD1
0x1B
CCFG
FILT
FORCE_RD
L3_OUT
L2_OUT
L3_EN
L2_EN
0x1C
CCFG2
FILT2
FORCE_RD2
L3_OUT2
L2_OUT2
L3_EN2
L2_EN2
0x1D
L2_TRP
L2_TRP
0x1E
L2_HYS
L2_HYS
0x1F
L3_TRP
L3_TRP
0x20
L3_HYS
L3_HYS
0x21
PH1LEVL
PH1LEV_LOW
0x22
PH1LEVH
Reserved
PH1LEV_HIGH
0x23
PH2LEVL
PH2LEV_LOW
0x24
PH2LEVH
Reserved
PH2LEV_HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com