Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP8860ACPZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP8860ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Charge Pump, 7-Channel
Smart LED Driver with I2C Interface
ADP8860
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalog Devices foritsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Charge pump with automatic gain selection of 1×, 1.5×, and
2× for maximum efficiency
Up to two built-in comparator inputs with programmable
modes for ambient light sensing
Outdoor, office, and dark modes for maximum backlight
power savings
7 independent and programmable LED drivers
6 drivers capable of 30 mA (typical)
1 driver capable of 60 mA (typical)
Programmable maximum current limit (128 levels)
Standby mode for <1 μA current consumption
16 programmable fade in and fade out times
0.1 sec to 5.5 sec
Choose from linear, square, or cubic rates
Fading override
I2C-compatible interface for all programming
Dedicated reset pin and built-in power-on reset (POR)
Short-circuit, overvoltage, and overtemperature protection
Internal soft start to limit inrush currents
Input-to-output isolation during faults or shutdown
Operation down to VIN = 2.5 V with undervoltage lockout
(UVLO) at VIN = 2.0 V
Small wafer level chip scale package (WLCSP) or lead frame
chip scale package (LFCSP)
APPLICATIONS
Mobile display backlighting
Mobile phone keypad backlighting
Dual RGB backlighting
LED indication
General backlighting of small format displays
GENERAL DESCRIPTION
The ADP8860 combines a programmable backlight LED charge
pump driver with automatic phototransistor control. This combi-
nation allows for significant power savings because it changes the
current intensity in office and dark ambient light conditions. By
performing this function automatically, it eliminates the need for
a processor to monitor the phototransistor.
The light intensity thresholds are fully programmable via the
I2C® interface. A second phototransistor input, with dedicated
comparators, improves the ambient light detection levels for
various user operating conditions.
TYPICAL OPERATING CIRCUIT
V
D3
D1
E3
D2
E4
D3
D4
D4
C4
D5
B4
D6/
CMP_IN2
B3
D7
ALS
VOUT
OPTIONAL
PHOTOSENSOR
PHOTOSENSO
C3
CMP_IN
R
0.1µF
0.1µF
VIN
A3
1µF
E1
VDDIO
nRST
C2
VDDIO
SDA
E2
VDDIO
SCL
D2
VDDIO
nINT
A4
GND1
D1
GND2
B1
C2+
B2
C2–
C2
1µF
A1
C1+
C1
C1–
C1
1µF
VOUT
A2
ADP8860
1µF
Figure 1.
The ADP8860 allows as many as six LEDs to be independently
driven up to 30 mA (typical). A seventh LED can be driven to
60 mA (typical). All LEDs are programmable for minimum/max-
imum current and fade in/out times via the I2C interface. These
LEDs can also be combined into groups to reduce the processor
instructions during fade in/out.
Driving this entire configuration is a two-capacitor charge pump
with gains of 1×, 1.5×, and 2×. This setup is capable of driving a
maximum IOUT of 240 mA from a supply of 2.5 V to 5.5 V. The
device includes a variety of safety features including short-circuit,
overvoltage, and overtemperature protection. These features
allow easy implementation of a safe and robust design. Addi-
tionally, input inrush currents are limited via an integrated soft
start combined with controlled input-to-output isolation.
The ADP8860 is available in two package types, either a compact
2 mm × 2.4 mm × 0.6 mm WLCSP (wafer level chip scale package)
or a small LFCSP (lead frame chip scale package).


Similar Part No. - ADP8860ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861ACPZ-RL AD-ADP8861ACPZ-RL Datasheet
702Kb / 40P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861DBCB-EVALZ AD-ADP8861DBCB-EVALZ Datasheet
702Kb / 40P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8863 AD-ADP8863 Datasheet
783Kb / 48P
Charge Pump,7-Channel Fun Lighting LED Driver
REV. 0
ADP8863ACPZ-R7 AD-ADP8863ACPZ-R7 Datasheet
783Kb / 48P
Charge Pump,7-Channel Fun Lighting LED Driver
REV. 0
More results

Similar Description - ADP8860ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60251 TI-TPS60251 Datasheet
644Kb / 28P
HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8863 AD-ADP8863 Datasheet
783Kb / 48P
Charge Pump,7-Channel Fun Lighting LED Driver
REV. 0
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
3 channel LED driver with Charge Pump
logo
Texas Instruments
TPS60250 TI1-TPS60250_14 Datasheet
893Kb / 26P
HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com