Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADP8860ACPZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADP8860ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
ADP8860
Rev. 0 | Page 44 of 52
Sink Current Register LED3 (ISC3)—Register 0x18
Table 58. ISC3
Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
SCD3
Table 59. Bit Descriptions for the ISC3 Register
Bit Name
Bit No.
Description
N/A
7
Reserved.
SCD3
6:0
Sink current. Use the following DAC code schedule (see Table 28 for a complete list of values):
DAC
Linear Law (mA)
Square Law (mA)
0000000
0
0
0000001
0.236
0.002
0000010
0.472
0.007
0000011
0.709
0.017
…
…
…
1111111
30
30
Sink Current Register LED2 (ISC2)—Register 0x19
Table 60. ISC2 Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
SCD2
Table 61. Bit Descriptions for the ISC2 Register
Bit Name
Bit No.
Description
N/A
7
Reserved.
SCD2
6:0
Sink current. Use the following DAC code schedule (see Table 28 for a complete list of values):
DAC
Linear Law (mA)
Square Law (mA)
0000000
0
0
0000001
0.236
0.002
0000010
0.472
0.007
0000011
0.709
0.017
…
…
…
1111111
30
30
Sink Current Register LED1 (ISC1)—Register 0x1A
Table 62. ISC1 Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
SCD1
Table 63. Bit Descriptions for the ISC1 Register
Bit Name
Bit No.
Description
N/A
7
Reserved
SCD1
6:0
Sink current. Use the following DAC code schedule (see Table 28 for a complete list of values):
DAC
Linear Law (mA)
Square Law (mA)
0000000
0
0
0000001
0.236
0.002
0000010
0.472
0.007
0000011
0.709
0.017
…
…
…
1111111
30
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com