Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP8860ACPZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP8860ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
ADP8860
Rev. 0 | Page 9 of 52
35
5
10
15
20
25
30
VIN = 3.6V
ID1:D7 = 30mA
0
00.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
VHR (V)
–40°C
+25°C
+85°C
+105°C
Figure 11. Typical Diode Current vs. Current Sink Headroom Voltage (VHR)
1
–5
–4
–3
–2
–1
0
VIN = 3.6V
VD1:D7 = 0.40V
–6
–40
–10
20
50
80
110
JUNCTION TEMPERATURE (°C)
Figure 12. Typical Change In Diode Current vs. Temperature
7
6
5
4
3
2
1
0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
IOUT = 100mA
G = 1× @ V = 3.6V
G = 1.5× @ VIN = 3V
G = 2× @ VIN = 2.5V
IN
Figure 13. ROUT vs. Temperature
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
+25°C
+85°C
+105°C
–40°C
IOUT = 100mA
Figure 14. Typical ROUT (G = 1×) vs. VIN
10
9
8
7
6
5
4
3
2
1
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
+25°C
+85°C
+105°C
–40°C
VOUT = 80% OF VIN
Figure 15. Typical Soft Start Current, ISS
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
VIL = +25°C
VIL = +85°C
VIL = –40°C
VIH = +25°C
VIH = +85°C
VIH = –40°C
Figure 16. Typical I2C Thresholds, VIH and VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com