Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP8860ACPZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP8860ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
ADP8860
Rev. 0 | Page 23 of 52
INTERRUPTS
There are five interrupt sources available on the ADP8860.
Main light sensor comparator: CMP_INT sets every time
the main light sensor comparator detects a threshold (L2
or L3) transition (rising or falling conditions).
Sensor Comparator 2: CMP2_INT interrupt works the
same way as CMP_INT, except the sensing input derives
from the second light sensor. The programmable thresholds
are the same as the main light sensor comparator.
Overvoltage protection: OVP_INT is generated when the
output voltage exceeds 5.8 V (typical).
Thermal shutdown circuit: An interrupt (TSD_INT) is
generated when entering overtemperature protection.
Short-circuit detection: SHORT_INT is generated when
the device enters short-circuit protection mode.
The interrupt (if any) that appears on the nINT pin is deter-
mined by the bits mapped in Register INTR_EN. To clear an
interrupt, write a 1 to the interrupt in the MDCR2 register or
reset the part. Reading the interrupt, or writing a 0, has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com