Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP8860ACPZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP8860ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
ADP8860
Rev. 0 | Page 36 of 52
Backlight Level 2 (Office) Dim Current Register (BLDM2)—Register 0x0C
Table 33. BLDM2 Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
BL2_DC
Table 34. Bit Descriptions for the BLDM2 Register
Bit Name
Bit No.
Description
N/A
7
Reserved.
BL2_DC
6:0
Backlight Level 2 (office) dim current. See Table 28 for a complete list of values. The backlight is set to the
dim current value after a dim timeout or if the DIM_EN flag is set by the user.
DAC
Linear Law (mA)
Square Law (mA)
0000000
0
0
0000001
0.236
0.002
0000010
0.472
0.007
0000011
0.709
0.017
…
…
…
1111111
30
30
Backlight Level 3 (Dark) Maximum Current Register (BLMX3)—Register 0x0D
Table 35. BLMX3 Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
BL3_MC
Table 36. Bit Descriptions for the BLMX3 Register
Bit Name
Bit No.
Description
N/A
7
Reserved.
BL3_MC
6:0
Backlight Level 3 (dark) maximum current. See Table 28 for a complete list of values.
DAC
Linear Law (mA)
Square Law (mA)
0000000
0
0
0000001
0.236
0.002
0000010
0.472
0.007
0000011
0.709
0.017
…
…
…
1111111
30
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com