Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP8860ACPZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP8860ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
ADP8860
Rev. 0 | Page 17 of 52
BACKLIGHT MAXIMUM AND DIM SETTINGS
The backlight maximum and dim current settings are deter-
mined by a 7-bit code programmed by the user into the
registers previously listed in the Backlight Operating Levels
section. The 7-bit resolution allows the user to set the backlight
to one of 128 different levels between 0 mA and 30 mA. The
ADP8860 can implement two distinct algorithms to achieve a
linear and a nonlinear relationship between input code and
backlight current. The law bits in Register 0x04 are used to
change between these algorithms.
By default, the ADP8860 uses a linear algorithm (law = 00),
where the backlight current increases linearly for a
corresponding increase of input code. Backlight current (in
millamperes) is determined by the following equation:
Backlight Current (mA) = Code × (Full-Scale Current/127) (2)
where:
Code is the input code programmed by the user.
Full-Scale Current is the maximum sink current allowed per
LED (typically 30 mA).
The ADP8860 can also implement a nonlinear (square approxima-
tion) relationship between input code and backlight current
level. In this case (law = 01), the backlight current (in
milliamperes) is determined by the following equation:
2
127
)
mA
(
×
=
Current
Scale
Full
Code
Current
Backlight
(3)
Figure 30 shows the backlight current level vs. input code for
both the linear and square law algorithms.
30
25
20
15
10
5
0
0
32
64
96
128
SINK CODE
LINEAR
SQUARE
Figure 30. Backlight Current vs. Input Code
AUTOMATED FADE IN AND FADE OUT
The LED drivers are easily configured for automated fade in
and fade out. Sixteen fade in and fade out rates can be selected
via the I2C interface. Fade in and fade out rates range from
0.1 sec to 5.5 sec (per full-scale current, either 30 mA or 60 mA).
Table 5. Available Fade In and Fade Out Rates
Code
Fade Rate (in sec per Full-Scale Current)
0000
0.1 (disabled)
0001
0.3
0010
0.6
0011
0.9
0100
1.2
0101
1.5
0110
1.8
0111
2.1
1000
2.4
1001
2.7
1010
3.0
1011
3.5
1100
4.0
1101
4.5
1110
5.0
1111
5.5
The fade profile is based on the transfer law selected (linear,
square, Cubic 10, or Cubic 11) and the delta between the actual
current and the target current. Smaller changes in current
reduce the fade time. For linear and square law fades, the fade
time is given by
Fade Time = Fade Rate × (Code/127)
(4)
where the Fade Rate is shown in Table 5.
The Cubic 10 and Cubic 11 laws also use the square backlight
currents in Equation 3; however, the time between each step is
varied to produce a steeper slope at higher currents and a
shallower slope at lighter currents (see Figure 31).
30
0
5
10
15
20
25
01
0.75
0.50
0.25
UNIT FADE TIME
.00
LINEAR
SQUARE
CUBIC 11
CUBIC 10
Figure 31. Comparison of the Dimming Transfers Laws
BACKLIGHT TURN ON/TURN OFF/DIM
With the device in active mode (nSTBY = 1), the backlight can
be turned on using the BL_EN bit in Register 0x01. Before
turning on the backlight, the user chooses which level (daylight
(L1), office (L2), or dark (L3)) in which to operate, and ensures
that maximum and dim settings are programmed for that level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com