Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP8860ACPZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP8860ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP8860ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
ADP8860
Rev. 0 | Page 14 of 52
NOTES
1. VDMAX IS THE CALCULATED GAIN DOWN TRANSITION POINT.
WAIT
100µs (TYP)
MIN (VD1:D7) < VHR(UP)
0
0
1
1
1
1
0
0
STATUP:
CHARGE
VIN TO VOUT
EXIT STBY
VOU T > VOUT(START)
1
WAIT
100µs (TYP)
WAIT
100µs (TYP)
MIN (VD1:D7) < VHR(UP)
MIN (VD1:D7) > VDMAX
MIN (VD1:D7) < VDMAX
G = 2
G = 3/2
EXIT
STARTUP
G = 1
STBY
0
Figure 27. State Diagram for Automatic Gain Selection
Soft Start Feature
At startup (either from UVLO activation or fault/standby
recovery), the output is first charged by ISS (3.75 mA typical)
until it reaches about 92% of VIN. This soft start feature reduces
the inrush current that is otherwise present when the output
capacitance is initially charged to VIN. When this point is
reached, the controller enters 1× mode. If the output voltage is
not sufficient, then the automatic gain selection determines the
optimal point as defined in the Automatic Gain Selection section.
OPERATING MODES
There are four different operating modes: active, standby,
shutdown, and reset.
Active Mode
In active mode, all circuits are powered up and in a fully
operational state. This mode is entered when nSTBY (in
Register MDCR) is set to 1.
Standby Mode
Standby mode disables all circuitry except for the I2C receivers.
Current consumption is reduced to less than 1 μA. This mode is
entered when nSTBY is set to 0 or when the nRST pin is held
low for more than 100 μs (maximum). When standby is exited,
a soft start sequence is performed.
Shutdown Mode
Shutdown mode disables all circuitry, including the I2C receivers.
Shutdown occurs when VIN is below the undervoltage thresholds.
When VIN rises above VIN(START) (2.05 V typical), all registers are
reset and the part is placed into standby mode.
Reset Mode
In reset mode, all registers are set to their default values and the
part is placed into standby. There are two ways to reset the part:
power-on reset (POR) and the nRST pin. POR is activated any-
time that the part exits shutdown mode. After a POR sequence
is complete, the part automatically enters standby mode.
After startup, the part can be reset by pulling the nRST pin low.
As long as the nRST pin is low, the part is held in a standby state
but no I2C commands are acknowledged (all registers are kept
at their default values). After releasing the nRST pin, all registers
remain at their default values, and the part remains in standby;
however, the part does accept I2C commands.
The nRST pin has a 50 μs (typical) noise filter to prevent inad-
vertent activation of the reset function. The nRST pin must be
held low for this entire time to activate reset.
The operating modes function according to the timing diagram
in Figure 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com