Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6214IPWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 4 Page - Texas Instruments

  THS6214IPWPR Datasheet HTML 1Page - Texas Instruments THS6214IPWPR Datasheet HTML 2Page - Texas Instruments THS6214IPWPR Datasheet HTML 3Page - Texas Instruments THS6214IPWPR Datasheet HTML 4Page - Texas Instruments THS6214IPWPR Datasheet HTML 5Page - Texas Instruments THS6214IPWPR Datasheet HTML 6Page - Texas Instruments THS6214IPWPR Datasheet HTML 7Page - Texas Instruments THS6214IPWPR Datasheet HTML 8Page - Texas Instruments THS6214IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
ELECTRICAL CHARACTERISTICS: VS = ±12V
THS6214
SBOS431 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
At TA = +25°C, GDIFF = +10V/V with RL = 100Ω differential load, RADJ = 0Ω, active impedance circuit configuration, and full
bias, unless otherwise noted. Each port is independently tested. Boldface values are 100% tested at +25°C.
THS6214IRHF, IPWP
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
Small-signal bandwidth, –3dB
GDIFF = +5V/V , RF = 1.5kΩ, VO = 2VPP
160
MHz
C
GDIFF = +10V/V , RF = 1.5kΩ, VO = 2VPP
120
150
MHz
B
Over –40°C to +85°C temperature range
100
MHz
B
0.1dB bandwidth flatness
GDIFF = +10V/V , RF = 1.24kΩ
114
MHz
C
Large-signal bandwidth
GDIFF = +10V/V , RF = 1.24kΩ, VO = 20VPP
120
MHz
C
Slew rate (10% to 90% level)
GDIFF = +10V/V, VO = 20V step, differential
3200
3800
V/
µs
B
TA = –40°C to +85°C
3000
V/
µs
B
Rise and fall time
GDIFF = +10V/V, VO = 2VPP
5
ns
C
Harmonic distortion
GDIFF = +10V/V, VO = 2VPP, RL = 100Ω differential
C
2nd harmonic
Full bias, f = 1MHz
–100
-95
dBc
B
TA = –40°C to +85°C
-90
dBc
B
Low bias, f = 1Mhz
–96
dBc
C
3rd harmonic
Full bias, f = 1MHz
–89
-85
dBc
B
TA = –40°C to +85°C
-80
dBc
B
Low bias, f = 1MHz
–85
dBc
C
2nd harmonic
Full bias, f = 10MHz
–75
-70
dBc
B
TA = –40°C to +85°C
-65
dBc
B
Low bias, f = 10MHz
–72
dBc
C
3rd harmonic
Full bias, f = 10MHz
–73
-65
dBc
B
TA = –40°C to +85°C
-53
dBc
B
Low bias, f = 10MHz
–58
dBc
C
Differential input voltage noise
f = 1MHz, input-referred
2.7
3.2
nV/
√Hz
B
TA = –40°C to +85°C
3.5
nV/
√Hz
B
Differential noninverting current
f = 1MHz
1.2
1.4
pA/
√Hz
B
noise
TA = –40°C to +85°C
1.6
pA/
√Hz
B
Differential inverting current noise
f = 1MHz
17
20
pA/
√Hz
B
TA = –40°C to +85°C
24
pA/
√Hz
B
DC PERFORMANCE
Open-loop transimpedance gain
RL = 100Ω
330
700
k
Ω
A
300
k
Ω
B
Input offset voltage
±15
±50
mV
A
TA = –40°C to +85°C
±60
mV
B
Input offset voltage drift
TA = –40°C to +85°C
±155
µV/°C
B
Input offset voltage matching
Channels 1 to 2 and 3 to 4 only
±0.5
±5
mV
A
TA = –40°C to +85°C
±7
mV
B
Noninverting input bias current
±1
±3.5
µA
A
TA = –40°C to +85°C
±5.5
µA
B
Noninverting input bias current drift
TA = –40°C to +85°C
±30
nA/°C
B
Inverting input bias current
±8
±45
µA
A
TA = –40°C to +85°C
±55
µA
B
Inverting input bias current drift
TA = –40°C to +85°C
±154
nA/°C
B
Inverting input bias current matching
±8
±30
µA
A
TA = –40°C to +85°C
±40
µA
B
(1)
Test levels: (A) 100% tested at +25°C. Over-temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com