Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6214IPWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 5Page - Texas Instruments THS6214IPWPR Datasheet HTML 6Page - Texas Instruments THS6214IPWPR Datasheet HTML 7Page - Texas Instruments THS6214IPWPR Datasheet HTML 8Page - Texas Instruments THS6214IPWPR Datasheet HTML 9Page - Texas Instruments THS6214IPWPR Datasheet HTML 10Page - Texas Instruments THS6214IPWPR Datasheet HTML 11Page - Texas Instruments THS6214IPWPR Datasheet HTML 12Page - Texas Instruments THS6214IPWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
THS6214
www.ti.com ....................................................................................................................................................................................................... SBOS431 – MAY 2009
ELECTRICAL CHARACTERISTICS: VS = ±6V (continued)
At TA = +25°C, GDIFF = +5V/V with RL = 100Ω differential load, RADJ = 0Ω, active impedance circuit configuration, and full bias,
unless otherwise noted. Each port is independently tested.
THS6214IRHF, IPWP
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
LOGIC
Logic 1, with respect to GND(3), TA = –40°C to +85°C
1.9
V
B
Bias control pin logic threshold
Logic 0, with respect to GND(3), TA = –40°C to +85°C
0.8
V
B
Bias-1, Bias-2 = 0.5V (logic 0)
20
30
µA
A
TA = –40°C to +85°C
35
µA
B
Bias pin quiescent current
Bias-1, Bias-2 = 3.3V (logic 1)
0.3
1
µA
A
TA = –40°C to +85°C
1.2
µA
B
Turn-on time delay (tON)
Time for IS to reach 50% of final value
1
µs
C
Turn-off time delay (tOFF)
Time for IS to reach 50% of final value
1
µs
C
Bias pin input impedance
50
k
Ω
C
Amplifier output impedance
Off bias (Bias-1 = 1, Bias-2 = 1)
10 || 5
k
Ω || pF
C
(3)
The GND pin usable range is from VS– to (VS+ – 5V).
Table 1. Logic Table
BIAS-1
BIAS-2
FUNCTION
DESCRIPTION
0
0
Full bias mode (100%)
Amplifiers on with lowest distortion possible (default state)
1
0
Mid bias mode (75%)
Amplifiers on with power savings and a reduction in distortion performance
0
1
Low bias mode (50%)
Amplifiers on with enhanced power savings and a reduction of overall performance
1
1
Shutdown mode
Amplifiers off and output has high impedance
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com