Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6214IPWPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 16Page - Texas Instruments THS6214IPWPR Datasheet HTML 17Page - Texas Instruments THS6214IPWPR Datasheet HTML 18Page - Texas Instruments THS6214IPWPR Datasheet HTML 19Page - Texas Instruments THS6214IPWPR Datasheet HTML 20Page - Texas Instruments THS6214IPWPR Datasheet HTML 21Page - Texas Instruments THS6214IPWPR Datasheet HTML 22Page - Texas Instruments THS6214IPWPR Datasheet HTML 23Page - Texas Instruments THS6214IPWPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
TYPICAL CHARACTERISTICS: VS = ±6V, Mid Bias
3
0
3
6
9
12
15
18
-
-
-
-
-
-
0
50
100
150
200
250
300
Frequency(MHz)
G
=5V/V
R =100
DIFF
L
G
=1V/V
CM
W
V =4V
O
PP
V =16V
O
PP
V =20V
O
PP
V =2V
O
PP
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(Hz)
10M
100M
300M
G
=1V/V
V =2V
R =100
CM
O
PP
L
W
G
=10V/V
R =1.5k
DIFF
F
W
G
=5V/V
R =1.82k
DIFF
F
W
7.5
6.0
4.5
3.0
1.5
0
1.5
3.0
4.5
6.0
7.5
-
-
-
-
-
2.0
1.6
1.2
0.8
0.4
0
0.4
0.8
1.2
1.6
2.0
-
-
-
-
-
Time(10ns/div)
G
=5V/V
R =
DIFF
L
G
=1V/V
100
CM
W
Small-Signal
PulseResponse
(±500mVP)RightScale
Large-SignalPulseResponse
(±5VP)LeftScale
16
14
12
10
8
6
4
2
0
R
(k )
W
ADJ
0
1
6
2
3
4
5
+I
Q
-IQ
100
10
1
CapacitiveLoad(pF)
1
10
1000
100
17
14
11
8
5
2
Frequency(Hz)
10M
100M
200M
R Optimizedfor100%Bias
S
470pF
100pF
39pF
22pF
47pF
THS6214
R
S
THS6214
R
S
C
L
1kW
Optional
V
IN
V
OUT
THS6214
SBOS431 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
At TA = +25°C, GDIFF = +5V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.82kΩ, and RL = 100Ω, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 57.
Figure 58.
PULSE RESPONSE
QUIESCENT CURRENT FOR MID BIAS SETTING vs RADJ
Figure 59.
Figure 60.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 61.
Figure 62.
20
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com