Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6214IPWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 12Page - Texas Instruments THS6214IPWPR Datasheet HTML 13Page - Texas Instruments THS6214IPWPR Datasheet HTML 14Page - Texas Instruments THS6214IPWPR Datasheet HTML 15Page - Texas Instruments THS6214IPWPR Datasheet HTML 16Page - Texas Instruments THS6214IPWPR Datasheet HTML 17Page - Texas Instruments THS6214IPWPR Datasheet HTML 18Page - Texas Instruments THS6214IPWPR Datasheet HTML 19Page - Texas Instruments THS6214IPWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
60
70
80
90
100
110
-
-
-
-
-
-
-120
OutputVoltage(V )
PP
0
2
16
G
=10V/V
G
=1V/V
R =100
DIFF
CM
L
W
f=1MHz
14
12
10
8
6
4
SecondHarmonic
ThirdHarmonic
40
50
60
70
80
90
100
-
-
-
-
-
-
-
-110
Frequency(Hz)
100k
1M
30M
G
=10V/V
G
=1V/V
V =
R =100
DIFF
CM
O
PP
L
2V
W
SecondHarmonic
ThirdHarmonic
10M
80
85
90
95
100
105
-
-
-
-
-
-
SupplyVoltage( V )
± S
4
5
12
G
=10V/V
G
=1V/V
V =2V
R =100
DIFF
CM
O
PP
L
W
f=1MHz
SecondHarmonic
ThirdHarmonic
11
10
9
8
7
6
80
85
90
95
100
105
110
-
-
-
-
-
-
-
Resistance( )
W
50
100
1k
G
=10V/V
G
=1V/V
V =2V
DIFF
CM
O
PP
f=1MHz
SecondHarmonic
ThirdHarmonic
85
90
95
100
105
110
-
-
-
-
-
-
Gain(V/V)
1
10
20
G
=10V/V
G
=1V/V
V =2V
R =100
DIFF
CM
O
PP
L
W
f=1MHz
SecondHarmonic
ThirdHarmonic
55
50
45
40
35
30
25
20
15
Frequency(MHz)
0
5
30
10
15
20
25
THS6214
SBOS431 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±12V, Low Bias (continued)
At TA = +25°C, GDIFF = +10V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.24kΩ, and RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 38.
Figure 39.
HARMONIC DISTORTION vs SUPPLY VOLTAGE
HARMONIC DISTORTION vs LOAD RESISTANCE
Figure 40.
Figure 41.
TWO-TONE, THIRD-ORDER
HARMONIC DISTORTION vs NONINVERTING GAIN
INTERMODULATION INTERCEPT
Figure 42.
Figure 43.
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com