Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6214IPWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 1 Page - Texas Instruments

  THS6214IPWPR Datasheet HTML 1Page - Texas Instruments THS6214IPWPR Datasheet HTML 2Page - Texas Instruments THS6214IPWPR Datasheet HTML 3Page - Texas Instruments THS6214IPWPR Datasheet HTML 4Page - Texas Instruments THS6214IPWPR Datasheet HTML 5Page - Texas Instruments THS6214IPWPR Datasheet HTML 6Page - Texas Instruments THS6214IPWPR Datasheet HTML 7Page - Texas Instruments THS6214IPWPR Datasheet HTML 8Page - Texas Instruments THS6214IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
THS6214
THS6214
1
FEATURES
DESCRIPTION
APPLICATIONS
+12V
+12V
R
S
R
S
R
G
R
T
R
T
R
F
R
P
R
P
R
F
I
ADJ
100W
THS6214
www.ti.com ....................................................................................................................................................................................................... SBOS431 – MAY 2009
Dual-Port, Differential, VDSL2 Line Driver Amplifiers
23
• Low Power Consumption:
The
THS6214
is
a
dual-port,
current-feedback
architecture, differential line driver amplifier system
–
21mA/Port (Full Bias Mode)
ideal for xDSL systems. The device is targeted for
–
16.2mA/Port (Mid Bias Mode)
use in VDSL2 (very-high-bit-rate digital subscriber
–
11.2mA/Port (Low Bias Mode)
line 2) line driver systems that enable greater than
–
Low-Power Shutdown Mode
+14.5dBm line power, supporting the G.993.2 VDSL2
17a profile. It is also fast enough to support
–
IADJ Pin for Variable Bias
central-office transmissions of +14.5dBm line power
• Low Noise:
up to 30MHz.
–
2.7nV/
√Hz Voltage Noise
The unique architecture of the THS6214 uses
–
17pA/
√Hz Inverting Current Noise
minimal quiescent current while still achieving very
–
1.2pA/
√Hz Noninverting Current Noise
high linearity. Differential distortion, under full bias
conditions, is –93dBc at 1MHz and reduces to only
• Low MTPR Distortion:
–73dBc at 10MHz. Fixed multiple bias settings of the
–
70dB with +20.5dBm G.993.2—Profile 8b
amplifiers allow for enhanced power savings for line
• –93dBc HD3 (1MHz, 100Ω Differential)
lengths where the full performance of the amplifier is
not required. To allow for even more flexibility and
• High Output Current: > 416mA (25Ω Load)
power savings, an adjustable current pin (IADJ) is
• Wide Output Swing: 43.2V
PP (±12V, 100Ω
available to further lower the bias currents.
Differential Load)
The wide output swing of 43.2VPP (100Ω differential
• Wide Bandwidth: 150MHz (G
DIFF = 10V/V)
load) with ±12V power supplies, coupled with over
• PSRR: 50dB at 1MHz for Good Isolation
416mA current drive (25
Ω load), allows for wide
dynamic headroom, keeping distortion minimal.
• Wide Power-Supply Range: 10V to 28V
The THS6214 is available in a QFN-24 or a
TSSOP-24 PowerPAD™ package.
• Ideal For VDSL2 Systems
• Backwards-Compatible with
ADSL/ADSL2+/ADSL2++ Systems
Figure 1. Typical VDSL2 Line Driver Circuit Using One Port of the THS6214
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS6214IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6214 TI2-THS6214 Datasheet
1Mb / 26P
Single Port, High Output Current VDSL2 Line Driver with Power Control
AUGUST 2010
More results

Similar Description - THS6214IPWPR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6204 TI-THS6204 Datasheet
1Mb / 43P
Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
Dual Channel Differential VDSL2 Line Driver
June 21, 2013
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
Dual Port VDSL2 Line Driver
September 23, 2009
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
Single Port, VDSL2 Differential Line Driver
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
Dual Channel Differential VDSL2 Line Driver
June 21, 2013
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
Dual Port VDSL2 Line Driver
September 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com