Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6214IPWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 9Page - Texas Instruments THS6214IPWPR Datasheet HTML 10Page - Texas Instruments THS6214IPWPR Datasheet HTML 11Page - Texas Instruments THS6214IPWPR Datasheet HTML 12Page - Texas Instruments THS6214IPWPR Datasheet HTML 13Page - Texas Instruments THS6214IPWPR Datasheet HTML 14Page - Texas Instruments THS6214IPWPR Datasheet HTML 15Page - Texas Instruments THS6214IPWPR Datasheet HTML 16Page - Texas Instruments THS6214IPWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
TYPICAL CHARACTERISTICS: VS = ±12V, Mid Bias
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(Hz)
10M
100M
400M
G
=1V/V
V =2V
R =100
CM
O
PP
L
W
G
=10V/V
DIFF
F
R =1.24kW
G
=5V/V
DIFF
F
R =1.5kW
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(MHz)
0
20
260
G
=1V/V
G
=10V/V
R =100
CM
DIFF
L
W
240
220
200
180
40
160
140
120
100
80
60
V =20V
O
PP
V =2V
O
PP
V =4V
O
PP
V =8V
O
PP
12
8
4
0
4
8
12
-
-
-
Time(10ns/div)
Small-Signal 500mV
RightScale
±
P
1.2
0.8
4
0
4
8
1.2
0.
0.
0.
-
-
-
Large-SignalPulseResponse
P
( 10V )LeftScale
±
18
16
14
12
10
8
6
4
2
0
R
(k )
W
ADJ
0
1
6
2
3
4
5
+I
Q
-IQ
100
10
1
CapacitiveLoad(pF)
1
10
1000
100
23
20
17
14
11
8
5
2
Frequency(Hz)
10M
100M
300M
THS6214
R
S
THS6214
R
S
C
L
1kW
Optional
V
IN
V
OUT
R Optimizedfor100%Bias
S
470pF
100pF
39pF
22pF
47pF
THS6214
www.ti.com ....................................................................................................................................................................................................... SBOS431 – MAY 2009
At TA = +25°C, GDIFF = +10V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.24kΩ, and RL = 100Ω, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 20.
Figure 21.
PULSE RESPONSE
QUIESCENT CURRENT FOR MID BIAS SETTING vs RADJ
Figure 22.
Figure 23.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 24.
Figure 25.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com