Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6214IPWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 5 Page - Texas Instruments

  THS6214IPWPR Datasheet HTML 1Page - Texas Instruments THS6214IPWPR Datasheet HTML 2Page - Texas Instruments THS6214IPWPR Datasheet HTML 3Page - Texas Instruments THS6214IPWPR Datasheet HTML 4Page - Texas Instruments THS6214IPWPR Datasheet HTML 5Page - Texas Instruments THS6214IPWPR Datasheet HTML 6Page - Texas Instruments THS6214IPWPR Datasheet HTML 7Page - Texas Instruments THS6214IPWPR Datasheet HTML 8Page - Texas Instruments THS6214IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
THS6214
www.ti.com ....................................................................................................................................................................................................... SBOS431 – MAY 2009
ELECTRICAL CHARACTERISTICS: VS = ±12V (continued)
At TA = +25°C, GDIFF = +10V/V with RL = 100Ω differential load, RADJ = 0Ω, active impedance circuit configuration, and full
bias, unless otherwise noted. Each port is independently tested. Boldface values are 100% tested at +25°C.
THS6214IRHF, IPWP
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
INPUT CHARACTERISTICS
Common-mode input range
Each input
±9
±9.5
V
A
TA = –40°C to +85°C
±8.6
V
B
Common-mode rejection ratio
Each input
53
65
dB
A
TA = –40°C to +85°C
49
dB
B
Noninverting input resistance
500 || 2
k
Ω || pF
C
Inverting input resistance
50
Ω
C
OUTPUT CHARACTERISTICS(2)
Output voltage swing
RL = 100Ω, each output
±10.9
V
C
RL = 50Ω, each output
±10.6
±10.8
V
A
TA = –40°C to +85°C
±10.4
V
B
RL = 25Ω, each output
±10.2
±10.4
V
A
TA = –40°C to +85°C
±10
V
B
Output current (sourcing and sinking)
RL = 25Ω, based on VOUT tests
±408
±416
mA
A
TA = –40°C to +85°C
±400
mA
B
Short-circuit output current
1
A
C
Output impedance
f = 1MHz, differential
0.2
Ω
C
Crosstalk
f = 1MHz, VOUT = 2VPP, Port 1 to Port 2
–90
dB
C
POWER SUPPLY
Operating voltage
±5
±12
±14
V
A
TA = –40°C to +85°C
±5
±14
V
C
IS+ Quiescent current
Per port, full bias (Bias-1 = 0, Bias-2 = 0)
19.5
21
22.5
mA
A
TA = –40°C to +85°C
17
24
mA
B
Per port, mid bias (Bias-1 = 1, Bias-2 = 0)
15
16.2
17.4
mA
A
TA = –40°C to +85°C
12.8
18.6
mA
B
Per port, low bias (Bias-1 = 0, Bias-2 = 1)
10
11.2
12.4
mA
A
TA = –40°C to +85°C
8.1
13.2
mA
B
Per port, bias off (Bias-1 = 1, Bias-2 = 1)
0.4
0.8
mA
A
TA = –40°C to +85°C
1
mA
B
IS– Quiescent current
Per port, full bias (Bias-1 = 0, Bias-2 = 0)
18.5
20
21.5
mA
A
TA = –40°C to +85°C
16
23
mA
B
Per port, mid bias (Bias-1 = 1, Bias-2 = 0)
14
15.2
16.4
mA
A
TA = –40°C to +85°C
11.8
17.6
mA
B
Per port, low bias (Bias-1 = 0, Bias-2 = 1)
9
10.2
11.6
mA
A
TA = –40°C to +85°C
7.1
11.4
mA
B
Per port, bias off (Bias-1 = 1, Bias-2 = 1)
0.1
0.3
mA
A
TA = –40°C to +85°C
0.8
mA
B
Current through GND pin
Per port, full bias (Bias-1 = 0, Bias-2 = 0)
1
mA
C
Power-supply rejection ratio
Differential
54
66
dB
A
(+PSRR)
TA = –40°C to +85°C
52
dB
B
Power-supply rejection ratio
Differential
52
65
dB
A
(–PSRR)
TA = –40°C to +85°C
50
dB
B
(2)
Test circuit is shown in Figure 1.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com