Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6214IPWPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 19Page - Texas Instruments THS6214IPWPR Datasheet HTML 20Page - Texas Instruments THS6214IPWPR Datasheet HTML 21Page - Texas Instruments THS6214IPWPR Datasheet HTML 22Page - Texas Instruments THS6214IPWPR Datasheet HTML 23Page - Texas Instruments THS6214IPWPR Datasheet HTML 24Page - Texas Instruments THS6214IPWPR Datasheet HTML 25Page - Texas Instruments THS6214IPWPR Datasheet HTML 26Page - Texas Instruments THS6214IPWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
-40
50
60
70
80
90
100
-
-
-
-
-
-
100k
1M
10M
100M
Frequency(Hz)
G
=5V/V
G
=1V/V
V =
R =100
DIFF
CM
O
PP
L
2V
W
SecondHarmonic
ThirdHarmonic
60
70
80
90
100
-
-
-
-
-
0
2
4
6
8
10
12
14
16
OutputVoltage(V )
PP
G
=5V/V
G
=1V/V
R =100
f=1MHz
DIFF
CM
L
W
SecondHarmonic
ThirdHarmonic
-80
85
90
95
100
-
-
-
-
4
5
6
7
8
9
10
11
12
SupplyVoltage( V )
S
±
G
=5V/V
G
=1V/V
V =
DIFF
CM
O
PP
2V
R =100
f=1MHz
W
L
ThirdHarmonic
SecondHarmonic
-80
85
90
95
100
105
110
-
-
-
-
-
-
50
100
1k
Resistance( )
W
SecondHarmonic
ThirdHarmonic
G
=5V/V
G
=1V/V
V =2V
f=1MHz
DIFF
CM
O
PP
Gain(V/V)
1
10
20
SecondHarmonic
ThirdHarmonic
G
=5V/V
G
=1V/V
V =2V
R =100
DIFF
CM
O
PP
L
W
f=1MHz
-80
85
90
95
100
-
-
-
-
60
55
50
45
40
35
30
25
20
0
5
10
15
20
25
30
Frequency(MHz)
THS6214
www.ti.com ....................................................................................................................................................................................................... SBOS431 – MAY 2009
TYPICAL CHARACTERISTICS: VS = ±6V, Low Bias (continued)
At TA = +25°C, GDIFF = +5V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.82kΩ, and RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 75.
Figure 76.
HARMONIC DISTORTION vs SUPPLY VOLTAGE
HARMONIC DISTORTION vs LOAD RESISTANCE
Figure 77.
Figure 78.
TWO-TONE, THIRD-ORDER
HARMONIC DISTORTION vs NONINVERTING GAIN
INTERMODULATION INTERCEPT
Figure 79.
Figure 80.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com