Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6214IPWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 17Page - Texas Instruments THS6214IPWPR Datasheet HTML 18Page - Texas Instruments THS6214IPWPR Datasheet HTML 19Page - Texas Instruments THS6214IPWPR Datasheet HTML 20Page - Texas Instruments THS6214IPWPR Datasheet HTML 21Page - Texas Instruments THS6214IPWPR Datasheet HTML 22Page - Texas Instruments THS6214IPWPR Datasheet HTML 23Page - Texas Instruments THS6214IPWPR Datasheet HTML 24Page - Texas Instruments THS6214IPWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
-
-
-
-
-
-
-
-
-
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
OutputVoltage(V )
PP
G
=5V/V
G
=1V/V
R =100
f=1MHz
DIFF
CM
L
W
SecondHarmonic
ThirdHarmonic
50
60
70
80
90
100
110
-
-
-
-
-
-
-
-40
Frequency(Hz)
400k
1M
40M
G
=5V/V
G
=1V/V
V =
R =100
DIFF
CM
O
PP
L
2V
W
SecondHarmonic
ThirdHarmonic
10M
-80
85
90
95
100
-
-
-
-
4
5
6
7
8
9
10
11
12
SupplyVoltage( V )
S
±
G
=5V/V
G
=1V/V
V =
R =100
f=1MHz
DIFF
CM
O
PP
L
2V
W
ThirdHarmonic
SecondHarmonic
80
85
90
95
100
105
110
-
-
-
-
-
-
-
Resistance( )
W
50
100
1k
G
=5V/V
G
=1V/V
V =2V
DIFF
CM
O
PP
f=1MHz
SecondHarmonic
ThirdHarmonic
86
88
90
92
-
-
-
-
-
-
-
94
96
98
Gain(V/V)
1
10
20
SecondHarmonic
ThirdHarmonic
G
=5V/V
G
=1V/V
V =2V
R =100
DIFF
CM
O
PP
L
W
f=1MHz
60
55
50
45
40
35
30
25
20
0
5
10
15
20
25
30
Frequency(MHz)
THS6214
www.ti.com ....................................................................................................................................................................................................... SBOS431 – MAY 2009
TYPICAL CHARACTERISTICS: VS = ±6V, Mid Bias (continued)
At TA = +25°C, GDIFF = +5V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.82kΩ, and RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 63.
Figure 64.
HARMONIC DISTORTION vs SUPPLY VOLTAGE
HARMONIC DISTORTION vs LOAD RESISTANCE
Figure 65.
Figure 66.
TWO-TONE, THIRD-ORDER
HARMONIC DISTORTION vs NONINVERTING GAIN
INTERMODULATION INTERCEPT
Figure 67.
Figure 68.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com