Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6214IPWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 4Page - Texas Instruments THS6214IPWPR Datasheet HTML 5Page - Texas Instruments THS6214IPWPR Datasheet HTML 6Page - Texas Instruments THS6214IPWPR Datasheet HTML 7Page - Texas Instruments THS6214IPWPR Datasheet HTML 8Page - Texas Instruments THS6214IPWPR Datasheet HTML 9Page - Texas Instruments THS6214IPWPR Datasheet HTML 10Page - Texas Instruments THS6214IPWPR Datasheet HTML 11Page - Texas Instruments THS6214IPWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
THS6214
SBOS431 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±6V (continued)
At TA = +25°C, GDIFF = +5V/V with RL = 100Ω differential load, RADJ = 0Ω, active impedance circuit configuration, and full bias,
unless otherwise noted. Each port is independently tested.
THS6214IRHF, IPWP
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
INPUT CHARACTERISTICS
Each input
±2.9
±3.0
V
A
Common-mode input range
TA = –40°C to +85°C
±2.7
V
B
Each input
51
62
dB
A
Common-mode rejection ratio
TA = –40°C to +85°C
47
dB
B
Noninverting input resistance
500 || 2
k
Ω || pF
C
Inverting input resistance
55
Ω
C
OUTPUT CHARACTERISTICS(2)
RL = 100Ω, each output
±4.9
V
C
RL = 50Ω, each output
±4.75
±4.9
V
A
Output voltage swing
TA = –40°C to +85°C
±4.6
V
B
RL = 25Ω, each output
±4.55
±4.7
V
A
TA = –40°C to +85°C
±4.4
V
B
RL = 25Ω, based on VOUT tests
±182
±188
mA
A
Output current (sourcing and
sinking)
TA = –40°C to +85°C
±176
mA
B
Short-circuit output current
±1
A
C
Output impedance
f = 1MHz, differential
0.2
Ω
C
Crosstalk
f = 1MHz, VOUT = 2VPP, Port 1 to Port 2
-90
dB
C
POWER SUPPLY
±5
±6
±14
V
A
Operating voltage
TA = –40°C to +85°C
±5
±14
V
C
Per port, full bias (Bias-1 = 0, Bias-2 = 0)
13
17
21
mA
A
TA = –40°C to +85°C
10
22
mA
B
Per port, mid bias (Bias-1 = 1, Bias-2 = 0)
10.2
13.2
16.2
mA
A
TA = –40°C to +85°C
9.3
16.4
mA
B
IS+ Quiescent current
Per port, low bias (Bias-1 = 0, Bias-2 = 1)
7.4
9.4
11.4
mA
A
TA = –40°C to +85°C
6.7
11.6
mA
B
Per port, bias off (Bias-1 = 1, Bias-2 = 1)
0.5
0.8
mA
A
TA = –40°C to +85°C
0.9
mA
B
Per port, full bias (Bias-1 = 0, Bias-2 = 0)
12
16
20
mA
A
TA = –40°C to +85°C
9
21
mA
B
Per port, mid bias (Bias-1 = 1, Bias-2 = 0)
9.2
12.2
15.2
mA
A
TA = –40°C to +85°C
8.3
15.4
mA
B
IS– Quiescent current
Per port, low bias (Bias-1 = 0, Bias-2 = 1)
6.4
8.4
10.4
mA
A
TA = –40°C to +85°C
5.7
10.6
mA
B
Per port, bias off (Bias-1 = 1, Bias-2 = 1)
0.1
0.3
mA
A
TA = –40°C to +85°C
0.5
mA
B
Current through GND pin
Per port, full bias (Bias-1 = 0, Bias-2 = 0)
1
mA
C
Differential
54
64
dB
A
Power-supply rejection ratio
(+PSRR)
TA = –40°C to +85°C
52
dB
B
Differential
52
63
dB
A
Power-supply rejection ratio
(–PSRR)
TA = –40°C to +85°C
50
dB
B
(2)
Test circuit is shown in Figure 1.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com