Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6214IPWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 2 Page - Texas Instruments

  THS6214IPWPR Datasheet HTML 1Page - Texas Instruments THS6214IPWPR Datasheet HTML 2Page - Texas Instruments THS6214IPWPR Datasheet HTML 3Page - Texas Instruments THS6214IPWPR Datasheet HTML 4Page - Texas Instruments THS6214IPWPR Datasheet HTML 5Page - Texas Instruments THS6214IPWPR Datasheet HTML 6Page - Texas Instruments THS6214IPWPR Datasheet HTML 7Page - Texas Instruments THS6214IPWPR Datasheet HTML 8Page - Texas Instruments THS6214IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
THS6214
SBOS431 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD(2)
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
THS6214IRHFT
Tape and reel, 250
THS6214
QFN-24
RHF
–40°C to +85°C
6214
THS6214IRHFR
Tape and reel, 3000
THS6214IPWP
Tape and reel, 60
THS6214
TSSOP-24
PWP
–40°C to +85°C
THS6214
THS6214IPWPR
Tape and reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
The PowerPAD™ is electrically isolated from all other pins.
Over operating free-air temperature range, unless otherwise noted.
THS6214
UNIT
Supply voltage, VS– to VS+
28
V
Input voltage, VI
±VS
V
Differential input voltage, VID
±2
V
Output current, IO: Static dc
(2)
±500
mA
Continuous power dissipation
See Dissipation Ratings Table
Under any condition(3)
+150
°C
Continuous operation, long-term reliability(4)
Maximum junction
+130
°C
RHF package only
temperature, TJ
Continuous operation, long-term reliability(4)
+140
°C
PWP package only
Storage temperature range, TSTG
–65 to +150
°C
Human body model (HBM)
2000
V
ESD ratings
Charged device model (CDM)
500
V
Machine model (MM)
100
V
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute
maximum rated conditions for extended periods may degrade device reliability.
(2)
The THS6214 incorporates a PowerPAD on the underside of the chip. This pad acts as a heatsink and must be connected to a
thermally dissipating plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature,
which could permanently damage the device. See TI Technical Brief SLMA002 for more information about utilizing the PowerPAD
thermally-enhanced package. Under high-frequency ac operation (greater than 10kHz), the short-term output current capability is much
greater than the continuous dc output current rating. This short-term output current rating is about 8.5 times the dc capability, or about
±850mA.
(3)
The absolute maximum junction temperature under any condition is limited by the constraints of the silicon process.
(4)
The absolute maximum junction temperature for continuous operation is limited by the package constraints. Operation above this
temperature may result in reduced reliability and/or lifetime of the device.
PACKAGE
θ
JP (°C/W)
θ
JA (°C/W)
(1)
QFN-24 (RHF)
5
30
HTSSOP-24 (PWP)
7
45
(1)
For high power dissipation applications, soldering the PowerPAD to the PCB is required. Failure to do so may result in reduced reliability
and/or lifetime of the device. See TI technical brief SLMA002 for more information about using the PowerPAD thermally enhanced
package.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com