Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6214IPWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 3 Page - Texas Instruments

  THS6214IPWPR Datasheet HTML 1Page - Texas Instruments THS6214IPWPR Datasheet HTML 2Page - Texas Instruments THS6214IPWPR Datasheet HTML 3Page - Texas Instruments THS6214IPWPR Datasheet HTML 4Page - Texas Instruments THS6214IPWPR Datasheet HTML 5Page - Texas Instruments THS6214IPWPR Datasheet HTML 6Page - Texas Instruments THS6214IPWPR Datasheet HTML 7Page - Texas Instruments THS6214IPWPR Datasheet HTML 8Page - Texas Instruments THS6214IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
PIN CONFIGURATIONS
(1)(2)
V
S-
BIAS-1/D1D2
BIAS-2/D1D2
D1IN+
D2IN+
GND
(3)
I
ADJ
D3IN+
D4IN+
BIAS-2/D3D4
BIAS-1/D3D4
V
S-
V
S+
D1OUT
D1FB
D2FB
D2OUT
NC
(4)
NC
(4)
D3OUT
D3FB
D4FB
D4OUT
V
S+
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PowerPAD
(1)
D1IN+
D2IN+
GND
(3)
I
ADJ
NC
(4)
D3IN+
D2FB
D2OUT
NC
(4)
D3OUT
D3FB
D4FB
1
2
3
4
5
6
18
17
16
15
14
13
PowerPAD
(1)
19
D4IN+
D1FB
7
THS6214
www.ti.com ....................................................................................................................................................................................................... SBOS431 – MAY 2009
QFN-24
HTSSOP-24
RHF PACKAGE
PWP PACKAGE
(TOP VIEW)
(TOP VIEW)
(1)
The PowerPAD is electrically isolated from all other pins and can be connected to any potential voltage range from
VS– to VS+. Typically, the PowerPAD is connected to the GND plane because this plane tends to physically be the
largest and is able to dissipate the most amount of heat.
(2)
The THS6214 defaults to the shutdown (disable) state if no signal is present on the bias pins.
(3)
The GND pin range is from VS– to (VS+ – 5V).
(4)
NC = no connection.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com