Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

nechip Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 6Page - List of Unclassifed Manufacturers nechip Datasheet HTML 7Page - List of Unclassifed Manufacturers nechip Datasheet HTML 8Page - List of Unclassifed Manufacturers nechip Datasheet HTML 9Page - List of Unclassifed Manufacturers nechip Datasheet HTML 10Page - List of Unclassifed Manufacturers nechip Datasheet HTML 11Page - List of Unclassifed Manufacturers nechip Datasheet HTML 12Page - List of Unclassifed Manufacturers nechip Datasheet HTML 13Page - List of Unclassifed Manufacturers nechip Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 2 Getting Started
2-1
Chapter 2 Getting Started
2.1 Hardware connection and install
Please refer to <<NePort Hardware Description>>
2.2 User Interface
The device’s configuration is stored in nonvolatile memory and is retained without power.
You can change the configuration at any time. The unit performs a reset after you change and store
the configuration.
In order to improve the flexibility and convenience, NEPORT series of products provides a
wide range of configuration tools for the user to choose, including: serial login configuration,
WEB configuration, TELNET configuration, device manager configuration.
2.2.1 Local configuration via serial port
Connect serial port to NEPORT to build the local environment:
1, connect the computer serial port with NEPORT through a standard serial cable.
2, open the terminal simulation program in the computer, such as HyperTerm (HyperTerminal)
on Windows system or Minicom on Linux system, to establish a new connection, select the actual
serial port to use, and set the serial parameters as follows(take HyperTerm as a example):
Figure 2-1 new connection of COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com