Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

nechip Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 16Page - List of Unclassifed Manufacturers nechip Datasheet HTML 17Page - List of Unclassifed Manufacturers nechip Datasheet HTML 18Page - List of Unclassifed Manufacturers nechip Datasheet HTML 19Page - List of Unclassifed Manufacturers nechip Datasheet HTML 20Page - List of Unclassifed Manufacturers nechip Datasheet HTML 21Page - List of Unclassifed Manufacturers nechip Datasheet HTML 22Page - List of Unclassifed Manufacturers nechip Datasheet HTML 23Page - List of Unclassifed Manufacturers nechip Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-3
Inhibition:
If you choose to use manually configure IP addresses, IP address can not the same as the others in
the same network, otherwise it will leading to unpredictable consequences.
3.2.3 Ethernet configuration
parameter
contents
Auto Negotiate
Auto-negotiation is selected, the device will auto-negotiate
with the network node of the network; uncheck it will using the
designated mode.
Option values: Enable/Disable
Default value: Enable
Speed
Netcard working speed.
Option values(bps): 10M/100M.
Default value: 10M
Duplex
Netcard working mode.
Option values: Full or Half.
Default value: Full
MAC Address
Mac address of netcard.
Option value: valid mac address in “xx.xx.xx.xx.xx.xx” format.
Default value: None.
Table 3-4 ethernet configuration
Inhibition:
In the LAN, MAC address are used to distinguish between the various devices or PC, MAC
address of device can not be the same with any other device or PC machine in the network.
3.2.4 Network Type
parameter
contents
Ethernet
Whether or not to enable ethernet
PPP
Whether or not to enable PPP dialup network
PPPoE
Whether or not to enable PPPoE dial-up network
GPRS
Whether or not to enable GPRS
Table 3-5 network type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com