Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

nechip Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 14Page - List of Unclassifed Manufacturers nechip Datasheet HTML 15Page - List of Unclassifed Manufacturers nechip Datasheet HTML 16Page - List of Unclassifed Manufacturers nechip Datasheet HTML 17Page - List of Unclassifed Manufacturers nechip Datasheet HTML 18Page - List of Unclassifed Manufacturers nechip Datasheet HTML 19Page - List of Unclassifed Manufacturers nechip Datasheet HTML 20Page - List of Unclassifed Manufacturers nechip Datasheet HTML 21Page - List of Unclassifed Manufacturers nechip Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-1
Chapter 3 Parameters
NEPORT series products with rich functions in actual use, the user needs to configure it as
needed, select the required function, cancel the function does not required. NEPORT Series
products have a variety of means of configuration, In order to know the content of configuration,
in the following chapter, the parameters of the equipment will be introduced one by one.
Note:
Configuration tool Introduced in the follow-up such as WEB, TELNET, have the same
sub-sections of this chapter.
3.1 Basic Settings
parameter
contents
Server Name
The name of device server
Option value: any string length less than 14 bytes.
Default value: NULL
Notes: it will not change when load factory setting.
Time
Set the current time of device:
Time Zone:
User selectable time zone.
Local Time:
System time.
Time Server:
Server name used to synchronize the time.
Web Console
Enable or disable web service.
Telnet Console
Enable or disable telnet service.
Terminal Type
Some of the old terminal may be required before the
connection is established in the terminal type of transmission.
You may need to refer to the documentation to determine the
appropriate type. In most applications of modern terminals, this
is not a necessity, can not serve any purpose.
Suggested default value:VT100.
Table 3-1 basic setting parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com