Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

nechip Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 17Page - List of Unclassifed Manufacturers nechip Datasheet HTML 18Page - List of Unclassifed Manufacturers nechip Datasheet HTML 19Page - List of Unclassifed Manufacturers nechip Datasheet HTML 20Page - List of Unclassifed Manufacturers nechip Datasheet HTML 21Page - List of Unclassifed Manufacturers nechip Datasheet HTML 22Page - List of Unclassifed Manufacturers nechip Datasheet HTML 23Page - List of Unclassifed Manufacturers nechip Datasheet HTML 24Page - List of Unclassifed Manufacturers nechip Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-4
3.3 PPPoE
3.3.1 PPPoE
parameter
contents
User Name
User name of dial-up account
Option value: any string of length less than 31 bytes.
Default value: “admin”
Password
Password of dial-up account.
Option value: any string of length less than 21 bytes.
Default value: “admin”
Work Mode
Work mode of dial-up.
Option value:
Disable:
Disable the PPPoE dial-up function, the device can not
access network through PPPoE.
Auto Dial:
In such mode, the device will try to keep the dial-up
connection. Once the connection is disconnect, it will try
to connect again until connect success.
Dial on Demand:
When the device have to send data to network, but dial-up
connection is disconnected, it will dial up to connect.
Should use in cooperate with Idle Time.
Adaptive:
The device will use PPPoE dial-up connection or LAN to
transmit data automatically.
Default value: Disable.
Max Redial Times
Times of redial when failed to login, Only valid in Dial on
Demand mode.
Option value: 0-255
Default value: 0
Redial Interval
Interval time of redial when failed to login.
Option value: 0-255
Default value: 0
Idle Time
When the dial-up connection is idle after idle time, it will be
compelled to disconnect.
Option value(secs): 0-65535
Default value: 0
Table 3-6 PPPoE dial-up settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com