Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

nechip Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 48Page - List of Unclassifed Manufacturers nechip Datasheet HTML 49Page - List of Unclassifed Manufacturers nechip Datasheet HTML 50Page - List of Unclassifed Manufacturers nechip Datasheet HTML 51Page - List of Unclassifed Manufacturers nechip Datasheet HTML 52Page - List of Unclassifed Manufacturers nechip Datasheet HTML 53Page - List of Unclassifed Manufacturers nechip Datasheet HTML 54Page - List of Unclassifed Manufacturers nechip Datasheet HTML 55Page - List of Unclassifed Manufacturers nechip Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 5 TELNET Configuration
5-2
Figure 5-2 TELNET network settings view
5.2.1 Static IP address configuration
Change to the network setting view, enter the shortcut keys before “Use static IP address”,
then changed to the static IP address settings view, as follows:
Figure 5-3 TELNET static IP address view
Please refer to the description of the parameters in section3.2.
5.2.2 Dynamic IP address configuration
Change to the network setting view, enter the shortcut keys before “Obtain IP automatically”,
then changed to the dynamic IP address settings view, as follows:
Figure 5-4 TELNET dynamic IP address view
Please refer to the description of the parameters in section3.2.
5.2.3 Netcard setting
Change to the network setting view, enter the shortcut keys before “Speed/duplex”, then
changed to the netcard settings view, as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com