Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

nechip Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 26Page - List of Unclassifed Manufacturers nechip Datasheet HTML 27Page - List of Unclassifed Manufacturers nechip Datasheet HTML 28Page - List of Unclassifed Manufacturers nechip Datasheet HTML 29Page - List of Unclassifed Manufacturers nechip Datasheet HTML 30Page - List of Unclassifed Manufacturers nechip Datasheet HTML 31Page - List of Unclassifed Manufacturers nechip Datasheet HTML 32Page - List of Unclassifed Manufacturers nechip Datasheet HTML 33Page - List of Unclassifed Manufacturers nechip Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-13
Option values:
Server:As a server and accept new connection of remote.
Client:As a client, connect to remote host initiatively.
Both:
Default: Server.
Table 3-23 TCP connection mode
3.9.3.2 Active Connection
parameter
contents
Active Connect
When work as a client, when to connect to remote host.
Option values:
None:Disabled.
With Any Character: when receive any character in serial
port.
With Start Character: when receive a specified character in
serial port.
Auto Start: auto start when system starts and tries to keep.
Default value: None.
Start Character
The specified character to trigger initiative connects. The
character must in HEX format.
Table 3-24 TCP active connection
3.9.3.3 Connection Configuration
parameter
contents
Local Port
When working as server, it is the listening port;
When working as client, it is the local port of connection.
Value range: 0-65535
Default value:0
Remote Port
The remote host’s communication port.
Remote Host
The host name or IP address of remote.
Connect Response
When a TCP connection is established, the device will send a
character ‘C’ to serial port. When a TCP connection is
disconnected, the device will send a character ‘D’ to serial port.
Alternative values:
None: disable.
ACT: enable.
Default value: None.
Use Host list
Whether or not to use host list table.
Alternative values: YES/NO.
Default value: NO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com