Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

nechip Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 24Page - List of Unclassifed Manufacturers nechip Datasheet HTML 25Page - List of Unclassifed Manufacturers nechip Datasheet HTML 26Page - List of Unclassifed Manufacturers nechip Datasheet HTML 27Page - List of Unclassifed Manufacturers nechip Datasheet HTML 28Page - List of Unclassifed Manufacturers nechip Datasheet HTML 29Page - List of Unclassifed Manufacturers nechip Datasheet HTML 30Page - List of Unclassifed Manufacturers nechip Datasheet HTML 31Page - List of Unclassifed Manufacturers nechip Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-11
Table 3-17 serial port settings
Caution:
Configuration at both ends of the serial line must be the same.
3.8.3 Pack Control
parameter
contents
Enable Packing
Whether or not to enable packing function. How to packing
serial data stream is dependant on the following parameters.
Option value: Enable/Disable
Default value: Disable
Idle Gap Time
Maximum time for inactivity. If there is any data on serial
port’s receive buffer, they will be packed and sent to network.
Option value(ms): 12/11/10
Default value: 12
Match 2 Byte Sequence
If enabled, used the two match bytes to indicate the beginning
and end of a series of data to be sent as one group. Otherwise,
used the first match byte to indicate the end of a series of data
to be sent as one group.
Option value: Enable/Disable.
Default value: Disable.
Send Frame Only
After the detection of the byte sequence, indicates whether to
send the data frame or the entire buffer.
Option value: YES/NO.
Default value: YES
Match Byte
Used to indicate the beginning and the end of a series of data to
be sent as one group.
Option value(HEX): 0x00-0xFF
Default value: 0x00
Table 3-18 serial packing settings
3.9 Connection
3.9.1 Connection Protocol
parameter
contents
Protocol
Network protocol
Option values: TCP/UDP
Default value: TCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com