Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

nechip Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 27Page - List of Unclassifed Manufacturers nechip Datasheet HTML 28Page - List of Unclassifed Manufacturers nechip Datasheet HTML 29Page - List of Unclassifed Manufacturers nechip Datasheet HTML 30Page - List of Unclassifed Manufacturers nechip Datasheet HTML 31Page - List of Unclassifed Manufacturers nechip Datasheet HTML 32Page - List of Unclassifed Manufacturers nechip Datasheet HTML 33Page - List of Unclassifed Manufacturers nechip Datasheet HTML 34Page - List of Unclassifed Manufacturers nechip Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-14
Table 3-25 TCP connection configuration
3.9.3.4 Disconnect Mode
parameter
contents
On DSR Drop
All TCP connection will be disconnect when serial’s DSR pin ‘s
voltage transfer from high to low.
Alternative value: Enable/Disable.
Default value: Disable.
Note: Only work on modem port.
Hard Disconnect
The TCP connection will closes even if the remote site does not
acknowledge the disconnect request.
Option value: Enable/Disable.
Default value: Disable.
Check EOT(Ctr-D)
Disconnect all connection when receive a character EOT(ctrl+D)
on the serial port.
Alternative value: Enable/Disable.
Default value: Disable;
Inactivity Timeout
When the TCP connection is idle (without any data transmission)
for a specified time, disconnect the connection automatically. If
the specified time is 0, disable this function.
Alternative values: 0-255.
Default value: 255.
Table 3-26 TCP disconnect mode
3.9.3.5 Flush Input Buffer
parameter
contents
With Active Connect
Whether or not to clear the input buffer of serial port when the
device initiative connect to the remote.
Option value: Enable/Disable.
Default value: Disable.
With Passive Connect
Whether or not to clear the input buffer of serial port when a
remote host initiative connect to the device.
Option value: Enable/Disable.
Default value: Disable.
At Time of Disconnect
Whether or not to clear the input buffer of serial port when the
connection of the device is disconnected.
Option value: Enable/Disable.
Default value: Disable.
Table 3-27 flush input buffer of serial port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com