Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

nechip Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 21Page - List of Unclassifed Manufacturers nechip Datasheet HTML 22Page - List of Unclassifed Manufacturers nechip Datasheet HTML 23Page - List of Unclassifed Manufacturers nechip Datasheet HTML 24Page - List of Unclassifed Manufacturers nechip Datasheet HTML 25Page - List of Unclassifed Manufacturers nechip Datasheet HTML 26Page - List of Unclassifed Manufacturers nechip Datasheet HTML 27Page - List of Unclassifed Manufacturers nechip Datasheet HTML 28Page - List of Unclassifed Manufacturers nechip Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-8
COM
Which serial port is used for dial-up.
Option value: vary according to firmware.
Default value: vary according to firmware.
Table 3-11 GPRS PPP dial-up
3.5.3 PPP Status
PPPoE status parameters are read-only, to display status of PPPoE dial-up connection.
parameter
contents
Link Status
Status of dial-up connection.
Option value: deactive/linking/active.
Default value: deactive.
PPP IP
IP address of dial-up connection.
PPP Gateway
Gateway of dial-up connection.
PPP DNS1
Preferred DNS address of dial-up connection.
PPP DNS2
Alternative DNS address of dial-up connection.
Table 3-12 GPRS PPP status
3.6 Server Settings
parameter
contents
ARP cache Timeout(secs)
Timeout time of ARP entry. When timeout, the system will
renew the ARP entry, if fail, the entry will be deleted.
Alternative values(secs): 0-255.
Default value: 255
CPU Performance Mode
CPU running mode.
Alternative values: High/Normal.
Default value: Normal.
Note: if in high speed mode, it will cost more power and more
faster.
HTTP Server Port
Web server’s service port.
Alternative values: 1-65535.
Default value: 80
MTU Size
The size of maximum transmit unit in bytes.
Can not be modified.
Table 3-13 server settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com