Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

nechip Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 4Page - List of Unclassifed Manufacturers nechip Datasheet HTML 5Page - List of Unclassifed Manufacturers nechip Datasheet HTML 6Page - List of Unclassifed Manufacturers nechip Datasheet HTML 7Page - List of Unclassifed Manufacturers nechip Datasheet HTML 8Page - List of Unclassifed Manufacturers nechip Datasheet HTML 9Page - List of Unclassifed Manufacturers nechip Datasheet HTML 10Page - List of Unclassifed Manufacturers nechip Datasheet HTML 11Page - List of Unclassifed Manufacturers nechip Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 1 Introduction
1-2
1.2 Features and Specifications
1.2.1 Product Features
The NEPORT Series products have the following features:
l
Easy to connect to the Internet network
l
Serial transmission speed up to 921600bps
l
Supports 10/100 Mbps Ethernet—auto-detectable
l
Supports access to Internet network by PPP
l
Supports access to Internet network by PPPoE
l
Supports access to Internet network by GPRS
l
Supports RS-232/422/485 interface
l
Supports UDP Unicast/Multicast、TCP SERVER、TCP CLIENT working mode
l
Supports a wide range of configuration, including WEB, TELNET, and serial port
l
Supports virtual serial ports on Windows
l
Supports SNMP protocol and MIBII for network management
l
Supports SMTP protocol for email alerting
l
Supports TFTP and FTP protocol for web and firmware upgrading
1.2.2 Product Specifications
LAN
l
Type:10M/100Mbps
l
Interface:RJ45
Serial Interface
l
protocols:RS232/RS422/RS485
l
Baud:110bps-460800bps
l
Data bits:5,6,7,8
l
Stop bits:1、1.5、2
l
Parity:None, Even, Odd, Space, Mark
l
Flow control:node, software, hardware
GSM/GPRS
l
Dual-Band GSM 900/1800 MHz, compliant to GSM phase 2/2+
l
Output power: Class 4 (2W)/(EGSM900), Class 1(1W)/(GSM1800)
l
GPRS multi-slot class 10
l
Mobile station class B
Protocols
l
ICMP、IP、TCP、UDP、DHCP、 BOOTP、TELNET
l
DNS、SNMP、HTTP、SMTP、SNTP、ARP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com