Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

nechip Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 25Page - List of Unclassifed Manufacturers nechip Datasheet HTML 26Page - List of Unclassifed Manufacturers nechip Datasheet HTML 27Page - List of Unclassifed Manufacturers nechip Datasheet HTML 28Page - List of Unclassifed Manufacturers nechip Datasheet HTML 29Page - List of Unclassifed Manufacturers nechip Datasheet HTML 30Page - List of Unclassifed Manufacturers nechip Datasheet HTML 31Page - List of Unclassifed Manufacturers nechip Datasheet HTML 32Page - List of Unclassifed Manufacturers nechip Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-12
Table 3-19 connection protocol
3.9.2 UDP
3.9.2.1 Datagram Mode
parameter
contents
Datagram Type
Type of udp datagram.
Option values:
Uni:unicast type.
Multi:multi-cast type.
Default value: Uni.
Accept Incoming
Whether to accept UDP data from remote host.
Option values: YES/NO.
Default value: YES
Table 3-20 UDP datagram mode
3.9.2.2 Multi-Cast Configuration
parameter
contents
Local Port
Local port used to communicate with remote.
Remote Port
Remote host’s port.
Net Segment
Remote host’s multi-cast address.
Table 3-21 UDP multi-cast configuration
3.9.2.3 Uni-Cast Device Address Table
parameter
contents
Device Address
Remote host’s uni-cast address.
Port
Remote host’s port in uni-cast communication.
Local Port
Local port used in uni-cast communication.
Table 3-22 UDP uni-cast device address table
3.9.3 TCP
3.9.3.1 Connect Mode
parameter
contents
Worked As
Work mode of TCP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com