Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

nechip Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # nechip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

nechip Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button nechip Datasheet HTML 28Page - List of Unclassifed Manufacturers nechip Datasheet HTML 29Page - List of Unclassifed Manufacturers nechip Datasheet HTML 30Page - List of Unclassifed Manufacturers nechip Datasheet HTML 31Page - List of Unclassifed Manufacturers nechip Datasheet HTML 32Page - List of Unclassifed Manufacturers nechip Datasheet HTML 33Page - List of Unclassifed Manufacturers nechip Datasheet HTML 34Page - List of Unclassifed Manufacturers nechip Datasheet HTML 35Page - List of Unclassifed Manufacturers nechip Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
CONEXTOP NEPORT User Manual
Chapter 3 Parameters
3-15
3.9.3.6 Flush Output Buffer
parameter
contents
With Active Connect
Whether or not to clear the output buffer of serial port when the
device initiative connect to the remote.
Option value: Enable/Disable.
Default value: Disable.
With Passive Connect
Whether or not to clear the output buffer of serial port when a
remote host initiative connect to the device.
Option value: Enable/Disable.
Default value: Disable.
At Time of Disconnect
Whether or not to clear the output buffer of serial port when the
connection of the device is disconnected.
Option value: Enable/Disable.
Default value: Disable.
Table 3-28 flush output buffer of serial port
3.10 Email Settings
3.10.1 Configure Server
parameter
contents
SMTP Domain Name
Domain name or IP address of SMTP server.
Option values: any domain name string length less than
31bytes.
Default value: NULL
SMTP Port
Port of SMTP server.
Option values: 1-65535
Default value: 25
Email Address
User email address used to send mail.
Option values: any email address string length less than 31
bytes.
Default value: NULL
Username
Name of user account.
Option values: any string length less than 31 bytes.
Default value: NULL
Password
Password of user account.
Option values: any string length less than 31 bytes.
Default value: NULL
Table 3-29 email server settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com