Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 175 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 175 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 171Page - ATMEL Corporation ATmega165 Datasheet HTML 172Page - ATMEL Corporation ATmega165 Datasheet HTML 173Page - ATMEL Corporation ATmega165 Datasheet HTML 174Page - ATMEL Corporation ATmega165 Datasheet HTML 175Page - ATMEL Corporation ATmega165 Datasheet HTML 176Page - ATMEL Corporation ATmega165 Datasheet HTML 177Page - ATMEL Corporation ATmega165 Datasheet HTML 178Page - ATMEL Corporation ATmega165 Datasheet HTML 179Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 336 page
background image
175
ATmega165/V
2573G–AVR–07/09
USI – Universal Serial
Interface
The Universal Serial Interface, or USI, provides the basic hardware resources needed
for serial communication. Combined with a minimum of control software, the USI allows
significantly higher transfer rates and uses less code space than solutions based on
software only. Interrupts are included to minimize the processor load. The main features
of the USI are:
• Two-wire Synchronous Data Transfer (Master or Slave)
• Three-wire Synchronous Data Transfer (Master or Slave)
• Data Received Interrupt
• Wakeup from Idle Mode
• In Two-wire Mode: Wake-up from All Sleep Modes, Including Power-down Mode
• Two-wire Start Condition Detector with Interrupt Capability
Overview
A simplified block diagram of the USI is shown on Figure 76. For the actual placement of
I/O pins, refer to “Pinout ATmega165” on page 2. CPU accessible I/O Registers, includ-
ing I/O bits and I/O pins, are shown in bold. The device-specific I/O Register and bit
locations are listed in the “USI Register Descriptions” on page 181.
Figure 76. Universal Serial Interface, Block Diagram
The 8-bit Shift Register is directly accessible via the data bus and contains the incoming
and outgoing data. The register has no buffering so the data must be read as quickly as
possible to ensure that no data is lost. The most significant bit is connected to one of two
output pins depending of the wire mode configuration. A transparent latch is inserted
between the Serial Register Output and output pin, which delays the change of data out-
put to the opposite clock edge of the data input sampling. The serial input is always
sampled from the Data Input (DI) pin independent of the configuration.
The 4-bit counter can be both read and written via the data bus, and can generate an
overflow interrupt. Both the Serial Register and the counter are clocked simultaneously
by the same clock source. This allows the counter to count the number of bits received
or transmitted and generate an interrupt when the transfer is complete. Note that when
an external clock source is selected the counter counts both clock edges. In this case
the counter counts the number of edges, and not the number of bits. The clock can be
selected from three different sources: The USCK pin, Timer/Counter0 Compare Match
or from software.
Two-wire Clock
Control Unit
DO
(Output only)
DI/SDA
(Input/Open Drain)
USCK/SCL
(Input/Open Drain)
4-bit Counter
USIDR
USISR
DQ
LE
USICR
CLOCK
HOLD
TIM0 COMP
[1]
3
0
1
2
3
0
1
2
0
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com