Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 178 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 178 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 174Page - ATMEL Corporation ATmega165 Datasheet HTML 175Page - ATMEL Corporation ATmega165 Datasheet HTML 176Page - ATMEL Corporation ATmega165 Datasheet HTML 177Page - ATMEL Corporation ATmega165 Datasheet HTML 178Page - ATMEL Corporation ATmega165 Datasheet HTML 179Page - ATMEL Corporation ATmega165 Datasheet HTML 180Page - ATMEL Corporation ATmega165 Datasheet HTML 181Page - ATMEL Corporation ATmega165 Datasheet HTML 182Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 336 page
background image
178
ATmega165/V
2573G–AVR–07/09
The following code demonstrates how to use the USI module as a SPI Master with max-
imum speed (fsck = fck/4):
SPITransfer_Fast:
sts
USIDR,r16
ldi
r16,(1<<USIWM0)|(0<<USICS0)|(1<<USITC)
ldi
r17,(1<<USIWM0)|(0<<USICS0)|(1<<USITC)|(1<<USICLK)
sts
USICR,r16 ; MSB
sts
USICR,r17
sts
USICR,r16
sts
USICR,r17
sts
USICR,r16
sts
USICR,r17
sts
USICR,r16
sts
USICR,r17
sts
USICR,r16
sts
USICR,r17
sts
USICR,r16
sts
USICR,r17
sts
USICR,r16
sts
USICR,r17
sts
USICR,r16 ; LSB
sts
USICR,r17
lds
r16,USIDR
ret
SPI Slave Operation Example
The following code demonstrates how to use the USI module as a SPI Slave:
init:
ldi
r16,(1<<USIWM0)|(1<<USICS1)
sts
USICR,r16
...
SlaveSPITransfer:
sts
USIDR,r16
ldi
r16,(1<<USIOIF)
sts
USISR,r16
SlaveSPITransfer_loop:
lds
r16, USISR
sbrs
r16, USIOIF
rjmp
SlaveSPITransfer_loop
lds
r16,USIDR
ret
The code is size optimized using only eight instructions (+ ret). The code example
assumes that the DO is configured as output and USCK pin is configured as input in the
DDR Register. The value stored in register r16 prior to the function is called is trans-
ferred to the master device, and when the transfer is completed the data received from
the Master is stored back into the r16 Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com